Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74HCT08L-P14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HCT08L-P14-R
Description  QUAD 2-INPUT AND GATES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT08L-P14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HCT08L-P14-R Datasheet HTML 1Page - Unisonic Technologies U74HCT08L-P14-R Datasheet HTML 2Page - Unisonic Technologies U74HCT08L-P14-R Datasheet HTML 3Page - Unisonic Technologies U74HCT08L-P14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U74HCT08
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-458.Ba
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Input Clamp Current
IIK
±20
mA
Output Clamp Current
IOK
±20
mA
Output Current
IOUT
±25
mA
VCC or GND Current
ICC
±50
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
127
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
ONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall Times
tR ,tF
500
ns
Ambient Operating Temperature
TOPR
-40
85
°C
ELECTRICAL CHARACTERISTICS (TA = 25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
High-Level Input Voltage
VIH
VCC=4.5V~5.5V
2
V
Low-Level Input Voltage
VIL
VCC=4.5V~5.5V
0.8
V
VCC=4.5V, IOH=-20μA
4.4
4.499
High-Level Output Voltage
VOH
VCC=4.5V, IOH=-4mA
3.98
4.3
V
VCC=4.5V, IOL=20μA
0.001
0.1
Low-Level Output Voltage
VOL
VCC=4.5V, IOL=4mA
0.17
0.26
V
Input Leakage Current
II(LEAK)
VCC=5.5V, VIN=VCC or GND
±0.1
±100
nA
Quiescent Supply Current
IQ
VCC=5.5V, VIN=VCC or GND, IOUT=0
2
μA
Additional Quiescent Supply
Current
Δ IQ
VCC=5.5V, One input at 0.5V or
2.4V, other inputs at 0 or VCC
1.4
2.4
mA
Input Capacitance
CIN
VCC=4.5V~5.5V
3
10
pF
SWITCHING CHARACTERISTICS (TA=25°С, Input: tR=tF=6ns, unless otherwise specified )
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VCC=4.5V
15
24
Propagation delay from input
(nA) and (nB) to output(nY)
tPHL /tPLH
CL = 50pF
VCC=5.5V
13
22
ns
VCC=4.5V
9
15
Output Transition Time
tTHL /tTLH
CL = 50pF
VCC=5.5V
8
14
ns
OPERATING CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX UNIT
Power Dissipation Capacitance
CPD
No Load
20
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com