Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2104 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC2104
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2104 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC2104_15 Datasheet HTML 9Page - NXP Semiconductors LPC2104_15 Datasheet HTML 10Page - NXP Semiconductors LPC2104_15 Datasheet HTML 11Page - NXP Semiconductors LPC2104_15 Datasheet HTML 12Page - NXP Semiconductors LPC2104_15 Datasheet HTML 13Page - NXP Semiconductors LPC2104_15 Datasheet HTML 14Page - NXP Semiconductors LPC2104_15 Datasheet HTML 15Page - NXP Semiconductors LPC2104_15 Datasheet HTML 16Page - NXP Semiconductors LPC2104_15 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
13 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
[1]
Available on LPC2104/2105/2106/01 only.
6.6 Pin connect block
The pin connect block allows selected pins of the microcontroller to have more than one
function. Configuration registers control the multiplexers to allow connection between the
pin and the on chip peripherals. Peripherals should be connected to the appropriate pins
prior to being activated, and prior to any related interrupt(s) being enabled. Activity of any
enabled peripheral function that is not mapped to a related pin should be considered
undefined.
The Pin Control Module contains two registers as shown in Table 5.
6.7 Pin function select register 0 (PINSEL0 - 0xE002 C000)
The PINSEL0 register controls the functions of the pins as per the settings listed in
Table 6. The direction control bit in the IODIR register is effective only when the GPIO
function is selected for a pin. For other functions, direction is controlled automatically.
Settings other than those shown in Table 6 are reserved, and should not be used
UART 1
Rx Line Status (RLS)
Transmit Holding Register empty (THRE)
Rx Data Available (RDA)
Character Time-out Indicator (CTI)
Modem Status Interrupt (MSI)
Auto-Baud Time-Out (ABTO)[1]
End of Auto-Baud (ABEO)[1]
7
PWM0
Match 0 to 6 (MR0, MR1, MR2, MR3, MR4, MR5, MR6)
8
I2C-bus
SI (state change)
9
SPI and SSP[1]
SPIF, MODF (SPI)
TXRIS, RXRIS, RTRIS, RORRIS (SSP)[1]
10
-
reserved
11
PLL
PLL Lock (PLOCK)
12
RTC
RTCCIF (Counter Increment), RTCALF (Alarm)
13
System Control
External Interrupt 0 (EINT0)
14
System Control
External Interrupt 1 (EINT1)
15
System Control
External Interrupt 2 (EINT2)
16
Table 4.
Interrupt sources …continued
Block
Flag(s)
VIC channel #
Table 5.
Pin control module registers
Address
Name
Description
Access
0xE002 C000
PINSEL0
Pin function select register 0
Read/Write
0xE002 C004
PINSEL1
Pin function select register 1
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com