Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR751 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MR751
Description  6 Amp Rectifier 50 - 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MR751 Datasheet(HTML) 1 Page - Micro Commercial Components

  MR751 Datasheet HTML 1Page - Micro Commercial Components MR751 Datasheet HTML 2Page - Micro Commercial Components MR751 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MR750
thru
MR7510
6 Amp Rectifier
50 - 1000 Volts
Features
•
Low Cost
•
Low Forward Voltage Drop
•
High Current Capability
•
High Surge Current Capability
•
Low Leakage
Maximum Ratings
•
Operating Temperature: -65
°C to +175°C
•
Storage Temperature: -65
°C to +175°C
•
Maximum Thermal Resistance; 10
°C/W Junction To Ambient
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MR750
---
50V
35V
50V
MR751
---
100V
70V
100V
MR752
---
200V
140V
200V
MR754
---
400V
280V
400V
MR756
---
600V
420V
600V
MR758
---
800V
560V
800V
MR7510
---
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6.0A
TA = 60
°C
Peak Forward Surge
Current
IFSM
400A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
0.9V
IFM = 6.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
25µA
1.0mA
TJ = 25
°C
TJ = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
www.mccsemi.com
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.332
.342
8.43
8.69
B
.234
.246
5.94
6.25
C
.050
.053
1.27
1.35
D
.990
1.010
25.15
25.65
2PL
Mark
LEADED BUTTON
LEADED BUTTON
LEADED BUTTON
LEADED BUTTON
A
D
B
C
1.25V
IFM = 100A;
TJ = 25
°C
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MR751

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MR751 MOTOROLA-MR751 Datasheet
188Kb / 6P
HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION
logo
ON Semiconductor
MR751 ONSEMI-MR751 Datasheet
96Kb / 7P
High Current Lead Mounted Rectifiers
March, 2007 ??Rev. 6
logo
Won-Top Electronics
MR751 WTE-MR751 Datasheet
43Kb / 4P
6.0A STANDARD DIODE
logo
DIOTEC Electronics Corp...
MR751 DEC-MR751 Datasheet
82Kb / 1P
25 AMP LEAD MOUNT BUTTON DIODES
logo
Shanghai Lunsure Electr...
MR751 CHENYI-MR751 Datasheet
60Kb / 3P
6Amp rectifier 50-1000 volts
More results

Similar Description - MR751

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
6A05 MCC-6A05 Datasheet
82Kb / 3P
6 Amp Rectifier 50 - 1000 Volts
DR750 MCC-DR750 Datasheet
85Kb / 3P
Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
S6A MCC-S6A Datasheet
346Kb / 3P
6 Amp Silicon Rectifier 50 to 1000 Volts
6A05 MCC-6A05_11 Datasheet
243Kb / 4P
6 Amp Rectifier 50 - 1000 Volts
DR750 MCC-DR750_11 Datasheet
497Kb / 4P
6 Amp Glass Passivated Rectifier 50 - 1000 Volts
MR750 MCC-MR750_06 Datasheet
126Kb / 5P
6 Amp Rectifier 50 - 1000 Volts
S6A MCC-S6A_08 Datasheet
191Kb / 5P
6 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Analog systems
6A4-TP MAS-6A4-TP Datasheet
269Kb / 4P
6 Amp Rectifier 50 - 1000 Volts
logo
Micro Commercial Compon...
6A05 MCC-6A05_13 Datasheet
273Kb / 4P
6 Amp Rectifier 50 - 1000 Volts
DR750 MCC-DR750_13 Datasheet
522Kb / 4P
Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com