Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVC373G-R20-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC373G-R20-R
Description  OCTAL TRANSPARENT D-TYPE LATCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC373G-R20-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC373G-R20-R Datasheet HTML 1Page - Unisonic Technologies U74LVC373G-R20-R Datasheet HTML 2Page - Unisonic Technologies U74LVC373G-R20-R Datasheet HTML 3Page - Unisonic Technologies U74LVC373G-R20-R Datasheet HTML 4Page - Unisonic Technologies U74LVC373G-R20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC373
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-265.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 6.5
V
Input Voltage
VIN
-0.5 ~ 6.5
V
-0.5 ~ 6.5 (Note 2)
Output Voltage
VOUT
-0.5 ~ VCC +0.5 (Note 3)
V
VCC or GND Current
ICC
±100
mA
Output Current
IOUT
±50
mA
Input Clamp Current
IIK
-50
mA
Output Clamp Current
IOK
-50
mA
Operating Temperature
TOPR
-40 ~ + 85
Storage Temperature
TSTG
-65 ~ + 150
Note: 1.
2.
3.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Voltage range applied to any output in the high-impedance or power-off state.
Voltage range applied to any output in the high or low state, and VCC is provided in the recommended
operating conditions table.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction-to-Ambient
θJA
115
/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating
1.65
3.6
Supply Voltage
VCC
Data retention only
1.5
V
VCC=1.65V to 1.95V
0.65×VCC
VCC=2.3V to 2.7V
1.7
High-level Input Voltage
VIH
VCC=2.7V to 3.6V
2
V
VCC=1.65V to 1.95V
0.35×VCC
VCC=2.3V to 2.7V
0.7
Low-level Input Voltage
VIL
VCC=2.7V to 3.6V
0.8
V
Input Voltage
VIN
0
5.5
V
High or low state
0
VCC
Output Voltage
VOUT
3 state
0
5.5
V
VCC=1.65V
-4
VCC=2.3V
-8
VCC=2.7V
-12
High-level Output Current
IOH
VCC=3V
-24
mA
VCC=1.65V
4
VCC=2.3V
8
VCC=2.7V
12
Low-level Output Current
IOL
VCC=3V
24
mA
Input Rise or Fall Times
tR, tF
0
10
ns/V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com