Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD4014BL-P16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UCD4014BL-P16-R
Description  CMOS 8-STAGE STATIC SHIFT REGISTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4014BL-P16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UCD4014BL-P16-R Datasheet HTML 1Page - Unisonic Technologies UCD4014BL-P16-R Datasheet HTML 2Page - Unisonic Technologies UCD4014BL-P16-R Datasheet HTML 3Page - Unisonic Technologies UCD4014BL-P16-R Datasheet HTML 4Page - Unisonic Technologies UCD4014BL-P16-R Datasheet HTML 5Page - Unisonic Technologies UCD4014BL-P16-R Datasheet HTML 6Page - Unisonic Technologies UCD4014BL-P16-R Datasheet HTML 7Page - Unisonic Technologies UCD4014BL-P16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UCD4014B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-606.c
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage: High-Level
VOH
VIN = 0, 5V, VCC = 5V
4.95
5
V
VIN = 0, 10V, VCC = 10V
9.95
10
VIN = 0, 15V, VCC = 15V
14.95
15
Input Low Voltage
VIL
VOUT = 0.5, 4.5V, VCC = 5V
1.5
V
VOUT = 1, 9V, VCC = 10V
3
VOUT = 1.5, 13.5V, VCC = 15V
4
Input High Voltage
VIH
VOUT = 0.5, 4.5V, VCC = 5V
3.5
V
VOUT = 1, 9V, VCC = 10V
7
VOUT = 1.5, 13.5V, VCC = 15V
11
Input Leakage Current
II(LEAK)
VIN = 0, 18 V, VCC = 18V
±10
-5
±0.1
μA
SWITCHING CHARACTERISTICS (TA =25°C, Input tr, tf =20ns, CL =50Pf, RL = 200KΩ)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation Delay Time
tPLH / tPHL
VCC=5V
160
320
ns
VCC=10V
80
160
VCC=15V
60
120
Transition Time
tTHL/ tTLH
VCC=5V
100
200
ns
VCC=10V
50
100
VCC=15V
40
80
Maximum Clock Input Frequency
fCL
VCC=5V
3
6
MHz
VCC=10V
6
12
VCC=15V
8.5
17
Minimum Clock Pulse Width
tW
VCC=5V
90
180
ns
VCC=10V
40
80
VCC=15
25
50
Clock Rise and Fall Time
tr / tf
VCC=5V
15
μs
VCC=10V
15
VCC=15V
15
Minimum Setup Time, Serial Inputs
tS
VCC=5V
60
120
ns
VCC=10V
40
80
VCC=15V
30
60
Minimum Setup Time, Parallel Inputs
tS
VCC=5V
40
80
ns
VCC=10V
25
50
VCC=15V
20
40
Minimum Hold Time, Serial In,
Parallel In, Parallel/Serial Control
tH
VCC=5V
0
ns
VCC=10V
0
VCC=15V
0
Average Input Capacitance
CI
Any Input
5
7.5
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com