Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCM102G-AE2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UCM102G-AE2-R
Description  HIGH-SIDE CURRENT MONITOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCM102G-AE2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UCM102G-AE2-R Datasheet HTML 1Page - Unisonic Technologies UCM102G-AE2-R Datasheet HTML 2Page - Unisonic Technologies UCM102G-AE2-R Datasheet HTML 3Page - Unisonic Technologies UCM102G-AE2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UCM102
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-934.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Voltage on any Pin (Relative to IOUT)
-0.6~20
V
Continuous Output Current
IOUT
25
mA
Continuous Sense Voltage (Note 2)
VSENSE
-0.5~+5
V
Power Dissipation (TA=25°C) Derate to Zero at 125°C
PD
450
mW
Operating Temperature
TA
-40~85
°C
Storage Temperature
TSTG
-55~125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Test Conditions TA=25°C, VIN=5V, ROUT=100Ω.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
VCC Range
VIN
2.5
20
V
Output Current
IOUT (Note 1)
VSENSE=0V
1
4
15
µA
VSENSE=10mV
90
104
120
µA
VSENSE=100mV
0.975 1.002 1.025
mA
VSENSE=200mV
1.95
2.0
2.05
mA
VSENSE=1V
9.6
9.98
10.2
mA
Sense Voltage
VSENSE (Note 2)
0
2500
mV
VSENSE- input current
ISENSE-
100
nA
Accuracy
Acc
RSENSE=0.1Ω, VSENSE=200mV
-2.5
2.5
%
Transconductance, IOUT/VSENSE
Gm
10000
µA/V
Bandwidth
BW
VSENSE(DC)=10mV, Pin=-40dBm
(Note 3)
300
kHz
VSENSE(DC)=100mV, Pin= -20dBm
(Note 3)
2
MHz
Notes:1. Includes input offset voltage contribution
2. VSENSE is defined as the differential voltage between VSENSE+ and VSENSE-.
VSENSE=VSENSE+ - VSENSE-
= VIN - VLOAD
= ILOAD x RSENSE
3. -20dBm=63mVp-p into 50Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com