Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-8905LG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-8905LG
Description  4.25 Gbps 1-Fiber SMLC SFP Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-8905LG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-8905LG_15 Datasheet HTML 1Page - Optoway Technology Inc SPB-8905LG_15 Datasheet HTML 2Page - Optoway Technology Inc SPB-8905LG_15 Datasheet HTML 3Page - Optoway Technology Inc SPB-8905LG_15 Datasheet HTML 4Page - Optoway Technology Inc SPB-8905LG_15 Datasheet HTML 5Page - Optoway Technology Inc SPB-8905LG_15 Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPB-8905LG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V2.0
1
SPB-8905LG / SPB-8905BLG / SPB-8905ALG
(RoHS Compliant)
1490 nm TX / 1310 nm RX , 3.3V / 4.25 Gbps 1-Fiber SM LC SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Up to 4.25 Gb/s
l Compliant with Fibre Channel FC-PI 400/200/100
l Compliant with IEEE 802.3ah-2004 1000BASE-BX
l Simplex LC Connector
l 1490 nm DFB LD Transmitter
l 1310 nm Receiver
l Up to 5 km on 9/125
µm SMF
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating: SPB-8905LG
l -10 to 85oC Operating: SPB-8905BLG
l -40 to 85oC Operating: SPB-8905ALG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l Fibre Channel Links
l WDM Gigabit Ethernet Links
l SONET/SDH Equipment Interconnect
DESCRIPTION
The SPB-8905LG series is small form factor pluggable
module for 4x/2x/1x Fibre Channel and 1000BASE-BX
Gigabit Ethernet single fiber communications by using 1490
nm transmitter and 1310 nm receiver. It is with the SFP
20-pin connector to allow hot plug capability.
The
transmitter section uses a multiple quantum well 1490 nm
DFB laser and is a class 1 laser compliant according to
International Safety Standard IEC 60825. The receiver
section uses an integrated 1310 nm detector preamplifier
(IDP) mounted in an optical header and a limiting
post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPB-8905LG
4 / 2 / 1
5 / 10*
1490 DFB
1310
LC SFP
0 to 70
-3 to -8
-18
Yes
SPB-8905BLG
4 / 2 / 1
5 / 10*
1490 DFB
1310
LC SFP
-10 to 85
-3 to -8
-18
Yes
SPB-8905ALG
4 / 2 / 1
5 / 10*
1490 DFB
1310
LC SFP
-40 to 85
-3 to -8
-18
Yes
*: 10km at 1.063/2.125/1.25 Gb/s and 5 km at 4.25 Gb/s.


Similar Part No. - SPB-8905LG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-8905LG OPTOWAY-SPB-8905LG_08 Datasheet
151Kb / 6P
1490 nm TX / 1310 nm RX , 3.3V / 4.25 Gbps 1-Fiber SMLC SFP Transceiver
SPB-8905LG_2015 OPTOWAY-SPB-8905LG_2015 Datasheet
151Kb / 6P
4.25 Gbps 1-Fiber SMLC SFP Transceiver
More results

Similar Description - SPB-8905LG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-8720LG_2015 OPTOWAY-SPB-8720LG_2015 Datasheet
151Kb / 6P
4.25 Gbps 1-Fiber SMLC SFP Transceiver
SPB-8740LG_2015 OPTOWAY-SPB-8740LG_2015 Datasheet
151Kb / 6P
4.25 Gbps 1-Fiber SMLC SFP Transceiver
SPB-8780L-1590G_2015 OPTOWAY-SPB-8780L-1590G_2015 Datasheet
150Kb / 6P
4.25 Gbps 1-Fiber SMLC SFP Transceiver
SPB-8910LG_2015 OPTOWAY-SPB-8910LG_2015 Datasheet
151Kb / 6P
4.25 Gbps 1-Fiber SMLC SFP Transceiver
SPB-8620LG OPTOWAY-SPB-8620LG_15 Datasheet
151Kb / 6P
4.25 Gbps 1-Fiber SMLC SFP Transceiver
SPB-8705LG OPTOWAY-SPB-8705LG_15 Datasheet
151Kb / 6P
4.25 Gbps 1-Fiber SMLC SFP Transceiver
SPB-8710LG OPTOWAY-SPB-8710LG_15 Datasheet
151Kb / 6P
4.25 Gbps 1-Fiber SMLC SFP Transceiver
SPB-8720LG OPTOWAY-SPB-8720LG_15 Datasheet
151Kb / 6P
4.25 Gbps 1-Fiber SMLC SFP Transceiver
SPB-8740LG OPTOWAY-SPB-8740LG_15 Datasheet
151Kb / 6P
4.25 Gbps 1-Fiber SMLC SFP Transceiver
SPB-8920LG OPTOWAY-SPB-8920LG_15 Datasheet
151Kb / 6P
4.25 Gbps 1-Fiber SMLC SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com