Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UESDA6V1W5L-AL5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UESDA6V1W5L-AL5-R
Description  4-BIT WIDE MONOLITHIC SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UESDA6V1W5L-AL5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UESDA6V1W5L-AL5-R Datasheet HTML 1Page - Unisonic Technologies UESDA6V1W5L-AL5-R Datasheet HTML 2Page - Unisonic Technologies UESDA6V1W5L-AL5-R Datasheet HTML 3Page - Unisonic Technologies UESDA6V1W5L-AL5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UESDA6V1W5
Preliminary
TVS
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R223-005.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
ESD Discharge
IEC1000-4-2
Air Discharge
VESD
15
kV
Contact Discharge
8
kV
Peak Pulse Power (8/20 µs)
VPP
150
W
Operating Junction Temperature
TJ
125
°C
Operating Temperature (Note 2)
TOPR
-40~+125
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The values of operating parameters versus temperature are given through curve and αT parameter.
ELECTRICAL CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Stand-Off Voltage
VRM
3
V
Breakdown Voltage
VBR
IR=1mA
6.1
7.2
V
Leakage Current
IRM
VRM=3V
1
µA
Voltage Temperature Coefficient (Note 2)
αT
6
10
-4/°C
Capacitance Per Line
C
0V Bias
90
pF
Dynamic Resistance (Note 1)
Rd
350
mΩ
Forward Voltage Drop
VF
IF=200mA
1.25
V
Notes: 1. Square pulse IPP=15A, tP=2.5µs
2. ΔVBR=αT×(TA-25°C)×VBR (25°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com