Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM385 Datasheet(PDF) 95 Page - Texas Instruments

Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 95 Page - Texas Instruments

Back Button DM385_15 Datasheet HTML 91Page - Texas Instruments DM385_15 Datasheet HTML 92Page - Texas Instruments DM385_15 Datasheet HTML 93Page - Texas Instruments DM385_15 Datasheet HTML 94Page - Texas Instruments DM385_15 Datasheet HTML 95Page - Texas Instruments DM385_15 Datasheet HTML 96Page - Texas Instruments DM385_15 Datasheet HTML 97Page - Texas Instruments DM385_15 Datasheet HTML 98Page - Texas Instruments DM385_15 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
3.3.22 UART
3.3.22.1 UART0
Table 3-47. UART0 Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
UART0_CTS
UART0 Clear to Send Input. Functions as SD transceiver
I/O
D30
control output in IrDA and CIR modes.
UART0_DCD
UART0 Data Carrier Detect Input
I
E31
UART0_DSR
UART0 Data Set Ready Input
I
E29
UART0_DTR
UART0 Data Terminal Ready Output
O
E30
UART0_RIN
UART0 Ring Indicator Input
I
N26
UART0_RTS
UART0 Request to Send Output. Indicates module is
O
D31
ready to receive data. Functions as transmit data output
in IrDA modes.
UART0_RXD
UART0 Receive Data Input. Functions as IrDA receive
I
J26
input in IrDA modes and CIR receive input in CIR mode.
UART0_TXD
UART0 Transmit Data Output. Functions as CIR transmit
O
E28
output in CIR mode.
3.3.22.2 UART1
Table 3-48. UART1 Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
UART1_CTS
UART1 Clear to Send Input. Functions as SD transceiver
I/O
AG8
control output in IrDA and CIR modes.
UART1_RTS
UART1 Request to Send Output. Indicates module is
O
AF8
ready to receive data. Functions as transmit data output
in IrDA modes.
UART1_RXD
UART1 Receive Data Input. Functions as IrDA receive
I
AJ8, N26
input in IrDA modes and CIR receive input in CIR mode.
(N26:MUX0, AJ8:MUX1)
UART1_TXD
UART1 Transmit Data Output. Functions as CIR transmit
O
AH8, E30
output in CIR mode. (E30:MUX0, AH8:MUX1)
3.3.22.3 UART2
Table 3-49. UART2 Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
UART2_CTS
UART2 Clear to Send Input. Functions as SD transceiver
I/O
J10
control output in IrDA and CIR modes.
UART2_RTS
UART2 Request to Send Output. Indicates module is
O
B3
ready to receive data. Functions as transmit data output
in IrDA modes.
UART2_RXD
UART2 Receive Data Input. Functions as IrDA receive
I
AE3, D5, L22
input in IrDA modes and CIR receive input in CIR mode.
(D5:MUX0, L22:MUX1, AE3:MUX3)
UART2_TXD
UART2 Transmit Data Output. Functions as CIR transmit
O
AE2, H9, M21
output in CIR mode. (H9:MUX0, M21:MUX1, AE2:MUX3)
Copyright © 2013, Texas Instruments Incorporated
Device Pins
95
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com