Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL101GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RL101GP
Description  1.0 Amp Standard Recovery Rectifier 50-1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RL101GP Datasheet(HTML) 1 Page - Micro Commercial Components

  RL101GP Datasheet HTML 1Page - Micro Commercial Components RL101GP Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-405
MIN
MAX
MIN
MAX
A
0.166
0.205
4.10
5.20
B
0.080
0.107
2.00
2.70
C
-----
0.024
-----
0.60
D
1.000
-----
25.40
-----
DIMENSIONS
DIM
INCHES
MM
NOTE
Features
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0 utilizing
Flame Retardant Epoxy Molding Compound
l
Glass passivated junction version of RL101G thru RL107G
l
1.0 Ampere operation at TA=75
oC with no thermal runaway
Maximum Ratings
l
Operating Temperature: -55
oC to +150oC
l
Storage Temperature: -55
oC to +150oC
l
Maximum Thermal Resistance; 50
oC/W Junction To Lead
RL101GP
---
50V
35V
50V
RL102GP
---
100V
70V
100V
RL103GP
---
200V
140V
200V
RL104GP
---
400V
280V
400V
RL105GP
---
600V
420V
600V
RL106GP
---
800V
560V
800V
RL107GP
---
1000V
700V
1000V
Maximum
DC
Blocking
Voltage
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Electrical Characteristics @ 25oC Unless Otherwise Specified
*Pulse test: Pulse width 300 sec, Duty cycle 2%
www.mccsemi.com
RL101GP
THRU
RL107GP
1.0 Amp Standard
Recovery Rectifier
50-1000 Volts
Average Forward
Current
IF(AV)
1.0A
TA=75
oC
Peak Forward
Surge Current
IFSM
30A
8.3mS Sina Half
Maximum
Instantaneous
Forward Voltage
V F
1.10V
IF=1.0A;T A=25
oC
Maximum DC
Reverse Current
At Rated DC
Blocking Voltage
IR
5.0uA
T A=25
o C
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz;V R=4.0V
A
B
C
D
D
Cathode
Mark
50uA
T A=125
oC
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - RL101GP

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
RL101GP CHENYI-RL101GP Datasheet
204Kb / 2P
1.0Amp standard recovery rectifier 50-1000 volts
logo
Micro Commercial Compon...
RL101GP MCC-RL101GP Datasheet
245Kb / 5P
1 Amp Rectifier 50 - 1000 Volts
RL101GP MCC-RL101GP Datasheet
207Kb / 4P
1 Amp Rectifier 50 - 1000 Volts
RL101GP MCC-RL101GP_11 Datasheet
245Kb / 5P
1 Amp Rectifier 50 - 1000 Volts
RL101GP MCC-RL101GP_16 Datasheet
207Kb / 4P
1 Amp Rectifier 50 - 1000 Volts
More results

Similar Description - RL101GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1F1 MCC-1F1 Datasheet
89Kb / 2P
1.0 Amp Fast Recovery Plastic Rectifier 50 to 1000 Volts
GL34A MCC-GL34A Datasheet
354Kb / 2P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
S10A MCC-S10A Datasheet
648Kb / 2P
10.0 Amp Standard Recovery Rectifier 50 to 1000 Volts
1F1 MCC-1F1_11 Datasheet
427Kb / 3P
1.0 Amp Fast Recovery Plastic Rectifier 50 to 1000 Volts
FSM11PL MCC-FSM11PL_11 Datasheet
176Kb / 3P
1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
GL34A MCC-GL34A_08 Datasheet
218Kb / 4P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
1F1 MCC-1F1_13 Datasheet
453Kb / 3P
1.0 Amp Fast Recovery Plastic Rectifier 50 to 1000 Volts
GL34D-TP MCC-GL34D-TP Datasheet
98Kb / 3P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
1F1G MCC-1F1G_14 Datasheet
482Kb / 3P
1.0 Amp Glass Passivated Fast Recovery Rectifier 50~1000 Volts
FSM11PL MCC-FSM11PL_13 Datasheet
168Kb / 3P
1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com