Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

65041 Datasheet(PDF) 2 Page - Micropac Industries

Part # 65041
Description  Wide operating voltage range 18 to 32 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

65041 Datasheet(HTML) 2 Page - Micropac Industries

  65041 Datasheet HTML 1Page - Micropac Industries 65041 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
65041
HIGH RELIABILITY HALL EFFECT STUD, NON-LATCHING OUTPUT, INTEGRAL CONNECTOR
09/05/06
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Supply Voltage
VCC
18.0
32.0
V
Continuous Operating
Supply Current
ICC
25
mA
VCC = 28.0 V
Output Saturation Voltage
VOL
1.0
V
VCC = 28 V , IOL = 20 mA, B = 250 G
Output Leakage Current
IOH
100
µA
VCC = 28 V , B = 0 G, Output High
Power on Response Time
tON
20
ms
VCC > 18 V
MAGNETIC CHARACTERISTICS
TA = 25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Magnetic Operate Point
BOP
200
G
VCC = 28 V , IOL = 20 mA
Magnetic Release Point
BRP
60
G
VCC = 28 V , IOL = 20 mA
Polarity
P
Low
High
B
> BOP
B
< BRP
Qualified to the following requirements:
Environmental
MIL-STD-202 METHOD 105C
Altitude, Test Condition B
MIL-STD-202 METHOD 214A
Random Vibration, 3 Hrs/Axis
3 Impact Shocks, 6 Orthogonal Axis
Mechanical Shock, 20 G’s for 11 seconds
MIL-STD-202 METHOD 103B
Humidity, Condition B, 96 Hours
MIL-STD-202 METHOD 109C
Explosive Atmosphere
MIL-STD-202 METHOD 110A
Sand and Dust
ASTM G85.A4
Salt Spray, SO2, 336 Hours
MIL-STD-202 METHOD 112
Helium Leak Test, < 1 X 10
-6
Torr, Condition D
MIL-STD-202 METHOD 107G
Thermal Shock, -65°C to +125°C
EMI / EMC
MIL-STD-461E RS103
Radiated Susceptability, 200 V/m (30 MHz to 18 GHz)
MIL-STD-461E CS114
Conducted Susceptability, Limit Curve 5
MIL-STD-461E CS115
Conducted Susceptability, IMAX 5 A
MIL-STD-461E CS116
Conducted Susceptability, IMAX 10 A
Lightning Strike
RTCA DO-160 Section 22, Waveform A
Induced Indirect Differential Transient, 70 V or 5 A
ORDERING INFORMATION:
PART NUMBER
DESCRIPTION
65041-001
Commercial
65041-101
Screened



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com