Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66083 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66083
Description  High gain, high voltage transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66083 Datasheet(HTML) 2 Page - Micropac Industries

  66083 Datasheet HTML 1Page - Micropac Industries 66083 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 11
66083 SINGLE CHANNEL OPTOCOUPLERS
REVISION A 12/29/00
*ELECTRICAL CHARACTERISTICS INPUT LED
TA = 25°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
MAX
UNITS
TEST CONDITIONS
NOTE
Input Diode Static Reverse Current
IR
100
µA
VR = 2V
Input Diode Static Forward Voltage
-55°C
+25°C
+100°C
VF
1
0.8
0.7
1.5
1.3
1.2
VIF = 10mA
*OUTPUT TRANSISTOR
TA = 25°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
MAX
UNITS
TEST CONDITIONS
NOTE
Collector-Emitter Breakdown Voltage
V(BR)CEO
35
V
IC = 1mA, IB = 0, IF = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
5V
IC = 0, IE = 100µA, IF = 0
*COUPLED CHARACTERISTICS
TA = 25°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
MAX
UNITS
TEST CONDITIONS
NOTE
On State Collector Current
-X01
-X02
-X03
IC(ON)
0.15
0.2
0.4
mA
VCE = 5V, IF = 2mA
On State Collector Current
-X01
-X02
-X03
IC(ON)
2.5
6
10
mA
VCE = 5V, IF = 10mA
On State Collector Current
X01
X02
-55
°C
XO3
IC(ON)
1
2.5
4
MA
VCE = 5V, IF = 10mA
On State Collector Current
X01
X02
+100o C
X03
IC(ON)
1
2.5
4
mA
VCE = 5V, IF = 10mA
Off State Collector Current
+25°CIC(OFF)
100
nA
VCE = 20V, IB = 0, IF = 0mA
Off State Collector Current
+100°CIC(OFF)
100
µAVCE = 20V, IB = 0, IF = 0mA
Collector-Emitter Saturation Voltage
-X01
-X02
-X03
VCE(SAT)
VCE(SAT)
VCE(SAT)
0.3
0.3
0.3
V
V
V
IC = 2.5mA, IB = 0, IF = 20mA
IC = 5 mA, IB = 0, IF = 20mA
IC = 10 mA, IB = 0, IF = 20mA
Input to Output Resistance
RI-O
10
11
VIN-OUT = 1kV
1
Input to Output Capacitance
CI-O
5pF
F = 1MHz, VIN-OUT = 1kV
1
Rise Time
-X01
-X02
-X03
tr
tr
tr
15
15
20
µs
µs
µs
VCC = 10V, IF = 10mA, RL = 100Ω
Fall Time
X01
X02
X03
tf
tf
tf
15
15
20
µs
µs
µs
VCC =10V, IF = 10mA, RL = 100Ω
NOTES:
1.
These parameters are measured between all phototransistor leads shorted together and with both input diode leads shorted together.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
0100
µA
Input Current, High Level
IFH
210mA
Supply Voltage
VCE
510
V
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
66083-001
-X01 Optocoupler, 66083 Commercial
66083-002
-X02 Optocoupler, 66083 Commercial
66083-003
-X03 Optocoupler, 66083 Commercial
66083-101
-X01 Optocoupler, 66083TX Screening level
66083-102
-X02 Optocoupler, 66083TX Screening level
66083-103
-X03 Optocoupler, 66083TX Screening level
66083-201
-X01 Optocoupler, 66083TXV Screening level
66083-202
-X02 Optocoupler, 66083TXV Screening level
66083-203
-X03 Optocoupler, 66083TXV Screening level



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com