Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBL2045FCT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SBL2045FCT
Description  20 Amp Schottky Barrier Rectifier 30 to 45 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SBL2045FCT Datasheet(HTML) 1 Page - Micro Commercial Components

  SBL2045FCT Datasheet HTML 1Page - Micro Commercial Components SBL2045FCT Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBL2030FCT
THRU
SBL2045FCT
20 Amp
Schottky
Barrier Rectifier
30 to 45 Volts
Features
•
Low Power Loss
•
High Efficiency
•
Low Forward Voltage , High Current Capability
•
High surge capacity
•
Case : ITO-220AB Full Molded Plastic Package
Maximum Ratings
•
Operating Junction Temperature: -50
°C to +125°C
•
Storage Temperature: -50
°C to +150°C
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
20 A
TC = 100
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
.55V
IFM = 10A;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
          

MCC
www
.
mccsemi.com
ITO-220AB
TJ = 25
°C
PIN 1
PIN 3
PIN 2
A
B
C
K
J
I
H
G
E
D
N
M
L
H
PIN
13
2

INCHES
MM






A
.583
.606
14.80
15.40
B
---
.406
---
10.30
N
.098
.114
2.50
2.90

IR
O
F
C
.100
.112
2.55
2.85
D
.248
.272
6.30
6.90
E
---
.161
---
4.10
F
---
.071
---
1.80
G
.512
.543
13.00
13.80
H
.100
2.55
I
---
.035
---
0.90
J
---
.032
---
0.80
K
.118
.134
3.00
3.40
L
---
.189
---
4.80
M
---
.130
---
3.30
O
---
.055
---
1.40
1.0mA
TC = 25
°C
50mA
TC = 100
°C
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SBL
2040FCT
SBL2040FCT
4
0V
28V
4
0V
SBL
2045FCT
SBL2045FCT
45V
31.5
V
45V
SBL
2030FCT
SBL2030FCT
3
0V
21
V
3
0V


Similar Part No. - SBL2045FCT

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
SBL2045FCT JIANGSU-SBL2045FCT Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SBL2045FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST8020 MCC-FST8020 Datasheet
87Kb / 3P
80 Amp Rectifier 20 to 45 Volts Schottky Barrier
FST8320SL MCC-FST8320SL Datasheet
667Kb / 3P
80 Amp Rectifier 20 to 45 Volts Schottky Barrier
FST8420SL MCC-FST8420SL Datasheet
664Kb / 3P
80 Amp Rectifier 20 to 45 Volts Schottky Barrier
MBR50020CT MCC-MBR50020CT Datasheet
147Kb / 3P
500 Amp Rectifier 20 to 45 Volts Schottky Barrier
MBR6030PT MCC-MBR6030PT Datasheet
109Kb / 2P
60 Amp Schottky Barrier Rectifier 30 to 45 Volts
MBRB1030CT MCC-MBRB1030CT Datasheet
90Kb / 2P
10 Amp Schottky Barrier Rectifier 30 to 45 Volts
SBL3030CT MCC-SBL3030CT Datasheet
112Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 45 Volts
MBRBL2045C MCC-MBRBL2045C Datasheet
405Kb / 3P
20 Amp Schottky Barrier Rectifier 45 Volts
MBRBL3045CT MCC-MBRBL3045CT Datasheet
352Kb / 3P
30 Amp Schottky Barrier Rectifier 45 Volts
SR302 MCC-SR302_13 Datasheet
254Kb / 4P
3 Amp Schottky Barrier Rectifier 20 - 45 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com