Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF54 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SF54
Description  5.0 Amp Super Fast Rectifier 50 to 600 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SF54 Datasheet(HTML) 1 Page - Micro Commercial Components

  SF54 Datasheet HTML 1Page - Micro Commercial Components SF54 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF51
THRU
SF57
5.0 Amp Super Fast
Rectifier
50 to 600 Volts
Features
•
Superfast recovery times-epitaxial construction
•
Low forward voltage, high current capability
•
Low leakage
•
High surge capability
Maximum Ratings
•
Operating Junction Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum DC
Blocking
Voltage
SF51
50V
35V
50V
SF52
100V
70V
100V
SF53
150V
105V
150V
SF54
200V
140V
200V
SF35
300V
210V
300V
SF56
400V
280V
400V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
5.0A
TA= 55
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SF51-SF54
SF55-SF56
VF
0.95V
1.25V
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
300uA
TA = 25
°C
TA = 125
°C
Typical Junction
Capacitance
CJ
45pF
Measured at
1.0MHz, VR=4.0V
Maximum Reverse
Recovery Time
TRR
35nS
IF=0.5A, IR=1.0A,
IRR=0.25A
Pulse Test: Pulse width 300 usec, Duty cycle 1%.
A
B
C
D
D
Cathode
Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.370
---
9.50
B
---
.250
---
6.40
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
DO-201AD
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%   !"#
MCC
IFM = 5.0A;
TA = 25
°C
•
Maximum Thermal Resistance; 25
°C/W Junction To Ambient
SF57
600V
420V
600V
SF57
1.70V


Similar Part No. - SF54

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF54 MOSPEC-SF54 Datasheet
127Kb / 2P
POWER RECTIFIERS(5.0A, 50-400V)
logo
Won-Top Electronics
SF54 WTE-SF54 Datasheet
47Kb / 3P
5.0A SUPER-FAST RECTIFIER
logo
Rectron Semiconductor
SF54 RECTRON-SF54 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes)
logo
Bytes
SF54 BYTES-SF54 Datasheet
161Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF54 DCCOM-SF54 Datasheet
475Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
More results

Similar Description - SF54

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MURB1605CT MCC-MURB1605CT Datasheet
105Kb / 3P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
SF31 MCC-SF31 Datasheet
155Kb / 3P
3.0 Amp Super Fast Rectifier 50 to 600 Volts
ER2A-L MCC-ER2A-L Datasheet
358Kb / 3P
2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
SF21 MCC-SF21_11 Datasheet
189Kb / 4P
2.0 Amp Super Fast Rectifier 50 to 600 Volts
SF31 MCC-SF31_11 Datasheet
475Kb / 4P
3.0 Amp Super Fast Rectifier 50 to 600 Volts
SF51 MCC-SF51_11 Datasheet
434Kb / 3P
5.0 Amp Super Fast Rectifier 50 to 600 Volts
logo
DONGGUAN YOU FENG WEI E...
SF31 YFWDIODE-SF31 Datasheet
90Kb / 3P
3.0 Amp Super Fast Rectifier 50 to 600 Volts
SF11-DO41 YFWDIODE-SF11-DO41 Datasheet
390Kb / 3P
50 to 600 Volts 1.0 Amp Super Fast Rectifier
SF31-DO27 YFWDIODE-SF31-DO27 Datasheet
384Kb / 3P
3.0 Amp Super Fast Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
ER1A-L MCC-ER1A-L Datasheet
285Kb / 3P
1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com