Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74HC564G-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC564G-P20-R
Description  OCTAL D-TYPE EDGE-TRIGGERRD FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC564G-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC564G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74HC564G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74HC564G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74HC564G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74HC564G-P20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74HC564
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-644.A
TIMING REQUIREMENTS(TA=25°С, CL=50pF,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VCC=2V
6
11
VCC=4.5V
31
36
Maximum Clock Frequency(CP)
fMAX
VCC=6V
36
40
MHz
VCC=2V
80
VCC=4.5V
16
Pulse duration, LE high
tW
VCC=6V
14
ns
VCC=2V
100
VCC=4.5V
20
Setup Time, data before LE↓
tSU
VCC=6V
17
ns
VCC=2V
5
VCC=4.5V
5
Hold Time, data after LE↓
tH
VCC=6V
5
ns
DYNAMIC CHARACTERISTICS(TA=25°С, CL=50pF,RL=1kΩ,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VCC=2V
54
180
ns
VCC=4.5V
18
36
ns
Propagation delay from input
(CP) to output (
Q )
tPD
(tPLH/tPHL)
VCC=6V
15
31
ns
VCC=2V
45
150
ns
VCC=4.5V
15
30
ns
3-state output enable time from input
(
OE ) to output ( Q )
tEN
(tPZL/tPZH)
VCC=6V
13
26
ns
VCC=2V
45
150
ns
VCC=4.5V
15
30
ns
3-state output disable time from
input (
OE ) to output ( Q )
tDIS
(tPLZ/tPHZ)
VCC=6V
13
26
ns
VCC=2V
28
60
ns
VCC=4.5V
8
12
ns
Output transition time, (
Q )
tT
(tR/tF)
VCC=6V
6
10
ns
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Power Dissipation Capacitance
CPD
No load
100
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com