Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62166 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62166
Description  BI-COLOR HERMETIC LED INDICATOR WITH WIRES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62166 Datasheet(HTML) 2 Page - Micropac Industries

  62166 Datasheet HTML 1Page - Micropac Industries 62166 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
•••• 725 E.Walnut St., Garland, TX 75040 •••• (972)272-3571 •••• Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62166
BI-COLOR HERMETIC LED INDICATOR WITH WIRES
04/21/2009
ELECTRICAL CHARACTERISTICS
TA = 25°°°°C unless otherwise specified.
PART NUMBER
COLOR
TEST CONDITION
PARAMETER LIMITS
IF
PEAK
λ
IV
VF
C
mA
TYP.
MIN.
MAX.
MAX.
62166-21X, -31X
RED
20
635
3 mcd
3V
100 pF
62166-21X, -41X
YELLOW
20
585
3 mcd
3V
100 pF
62166-31X, -41X
GREEN
20
570
3 mcd
3V
100 pF
Relative Luminous Intensity
vs
Forward Current
(Normalized at 20 mA)
51 0
1 5
2 0
3 0
3 5
25
0. 00
0. 25
0. 50
0. 75
1. 00
1. 25
1. 50
1. 75
2. 00
IF - Forward Current – mA
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
MAX
UNITS
Forward Current
IF
20
35
mA (1)
Operating Temperature
TA
-55
+100
°C
NOTES:
1. Per LED
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
62166-211
Yellow/Red LED, commercial
62166-213
Yellow/Red LED, screened
62166-311
Green/Red LED, commercial
62166-313
Green/Red LED, screened
62166-411
Yellow/Green LED, commercial
62166-413
Yellow/Green LED, screened



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com