Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AHC20G-S14-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U74AHC20G-S14-R
Description  DUAL 4-INPUT NAND GATES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC20G-S14-R Datasheet(HTML) 2 Page - Unisonic Technologies

  U74AHC20G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC20G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC20G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC20G-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
U74AHC2G125
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-A57.B
PIN CONFIGURATION
PIN CONFIGURATION
PIN No
SYMBOL
DESCRIPTION
1, 7
1OE , 2OE
Output enable input (active LOW)
2. 5
1A, 2A
Data input
4
GND
Ground (0V)
6, 3
1Y, 2Y
Data output
8
VCC
Supply voltage
FUNCTIONAL DIAGRAM
FUNCTION TABLE
Control
Input
Output
nOE
nA
nY
L
L
L
L
H
H
H
X
Z
H=HIGH voltage level; L=LOW voltage level; X=don’t care; Z=high-impedance OFF-state



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com