Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74HCT7046L-P16-R Datasheet(PDF) 14 Page - Unisonic Technologies

Part # U74HCT7046L-P16-R
Description  PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT7046L-P16-R Datasheet(HTML) 14 Page - Unisonic Technologies

Back Button U74HCT7046L-P16-R Datasheet HTML 8Page - Unisonic Technologies U74HCT7046L-P16-R Datasheet HTML 9Page - Unisonic Technologies U74HCT7046L-P16-R Datasheet HTML 10Page - Unisonic Technologies U74HCT7046L-P16-R Datasheet HTML 11Page - Unisonic Technologies U74HCT7046L-P16-R Datasheet HTML 12Page - Unisonic Technologies U74HCT7046L-P16-R Datasheet HTML 13Page - Unisonic Technologies U74HCT7046L-P16-R Datasheet HTML 14Page - Unisonic Technologies U74HCT7046L-P16-R Datasheet HTML 15Page - Unisonic Technologies U74HCT7046L-P16-R Datasheet HTML 16Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
U74HCT7046
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
14 of 16
www.unisonic.com.tw
QW-R502-851.A
APPLICATION INFORMATION
This is a reference for the values of external components to be used with the U74HCT7046 in a PLL system.
The ranges of the values of the components:
VCO Frequency Without Extra Offset
(Phase comparator: PC1, PC2)
Frequency Characteristic:
With R2 = ∞ and R1 between 3 kΩ and 300 kΩ, the characteristics of the VCO operation will be as shown in Fig.11
(Due to R1, C1 time constant a small offset remains when R2=∞).
Fig.11 Frequency characteristic of VCO operating without offset:
f0 = centre frequency; 2fL = frequency lock range.
Component
Value
R1
3 kΩ ~ 300 kΩ
R2
3 kΩ ~ 300 kΩ
R1+R2
Parallel value > 2.7 kΩ
C1
Greater than 40 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com