Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1591IRTZ Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL1591IRTZ
Description  Fixed Gain, Dual Port, VDSL2 Line Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1591IRTZ Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL1591IRTZ Datasheet HTML 10Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 11Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 12Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 13Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 14Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 15Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 16Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 17Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 18Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ISL1591
14
FN7625.1
October 31, 2012
Applications Information
Applying Wideband Current Feedback Op
Amps as Differential Drivers
A current feedback amplifier (CFA) like the ISL1591 is
particularly suited to the requirements of high output power, full
power bandwidth, differential drivers. This topology offers a very
high slew rate on low quiescent power. The ISL1591 is a fixed
gain amplifier set to an optimized gain of 11.6V/V given
RL = 82.6 and Rb = 8.25, as shown in Figure 49.
The ISL1591 provides 4 very power efficient, high output current,
CFA's. These are intended to be connected as two pairs of
differential drivers. The “Connection Diagram” on page 2 shows
that Channels A and B are intended to operate as a pair while
Channels C and D comprise the other pair. Power control is also
provided through two pairs of control pins, which separately set
the power for Channels A and B together and then the other pair
controls Channels C and D together.
Very low output distortion can be provided by the differential
configuration. The high slew rate intrinsic to the CFA topology
also contributes to the exceptional performance shown in
Figures 9, 15 and 21. These swept frequency distortion plots
show extremely low distortion at 200kHz holding to very low
levels up through 20MHz. At the full operating power, (Figure 9,
7mA per amplifier or 14mA/port) we still see < -70dBc through
5MHz for a 5VP-P differential output swing.
Advanced Configurations - Active
Termination
Where the best power efficiency is required in a full duplex DSL
line interface application, it is common to apply the circuit shown
in Figure 49 to reduce the power loss in the matching loads, Rb,
while retaining a higher impedance for the upstream signal
coming into this output stage. This circuit acts to provide a higher
apparent output impedance (through its cross-coupled positive
feedback through the Rp resistors integrated internally) while
physically taking a smaller IR drop through the Rb resistors for
the output signal.
Test Circuit
FIGURE 48. FREQUENCY RESPONSE CHARACTERIZATION CIRCUIT
180°
SPLITTER
DC
SPLITTER
50
Ω
50
Ω
-12
+12
DUT
RL
243
Ω
243
Ω
56
Ω
1:1
50
Ω
A
R
S
NETWORK
ANALYZER
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com