Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9222 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE9222
Description  FlexRay Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9222 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE9222 Datasheet HTML 17Page - Infineon Technologies AG TLE9222 Datasheet HTML 18Page - Infineon Technologies AG TLE9222 Datasheet HTML 19Page - Infineon Technologies AG TLE9222 Datasheet HTML 20Page - Infineon Technologies AG TLE9222 Datasheet HTML 21Page - Infineon Technologies AG TLE9222 Datasheet HTML 22Page - Infineon Technologies AG TLE9222 Datasheet HTML 23Page - Infineon Technologies AG TLE9222 Datasheet HTML 24Page - Infineon Technologies AG TLE9222 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Data Sheet
21
Rev. 1.0 2015-06-12
TLE9222
Functional Description
4.8
SPI Interface and Status Register
The TLE9222 has a 16-bit SPI interface for reading out the internal status register. The bits in the register
reflects detailed flags regarding external events such as wake-up and power-on recognition, detection of
errors / warnings and operation mode indication, see Table 5.
Table 5
Bit definition of the status register
Bit
Name
Indication
Comment
Bit 0 Remote wake-up
flag
“Low”: Remote wake-up detected
–
“High”: –
–
Bit 1 Mode flag
”Low”: BD_Standby mode
–
“High”: BD_Normal mode
–
Bit 2 BGE flag
“Low”: Transmitter disabled by Bus Guardian,
BGE input “low” in BD_Normal mode
Error, will trigger Bit 12 → “low”
“High”: –
–
Bit 3 RxEN flag
“Low”: Bus activity ongoing
Not latched
“High”: Bus idle
–
Bit 4 Power-on flag
“Low”: Power-on detected
–
“High”: –
–
Bit 5 Bus-error flag
“Low”: Bus error detected
Error, will trigger Bit 12 → “low”
“High”: –
–
Bit 6 Temperature-high
flag
“Low”: Overtemperature detected
Error, will trigger Bit 12 → “low”
“High”: –
–
Bit 7 Transmitter time-
out flag
“Low”: Transmitter activation time-out
Error, will trigger Bit 12 → “low”
“High”: –
–
Bit 8 VCC-undervoltage
flag
“Low”: VCC Undervoltage detected
Error, will trigger Bit 12 → “low”
“High”: –
–
Bit 9 VIO-undervoltage
flag
“Low”: VIO Undervoltage detected
Error, will trigger Bit 12 → “low”
“High”: –
–
Bit 10 SPI-error flag
“Low”: SPI error detected
Error, will trigger Bit 12 → “low”
“High”: –
–
Bit 11 Temperature-
warning flag
“Low”: High temperature warning
–
“High”: –
–
Bit 12 Error flag
“Low”: Error(s) detected
Error, will trigger ERRN output
“low” if signal on STBN is “high”
“High”: No errors detected
–
Bit 13 Reserved
Always ”High”
–
Bit 14 Reserved
Always “Low”
–
Bit 15 Even parity bit
“Low”: Odd parity of Bit 0 to Bit 14
–
“High”: Even parity of Bit 0 to Bit 14
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com