Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX28F2000P Datasheet(PDF) 27 Page - Macronix International

Part # MX28F2000P
Description  2M-BIT [256K x 8] CMOS FLASH MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F2000P Datasheet(HTML) 27 Page - Macronix International

Back Button MX28F2000P Datasheet HTML 23Page - Macronix International MX28F2000P Datasheet HTML 24Page - Macronix International MX28F2000P Datasheet HTML 25Page - Macronix International MX28F2000P Datasheet HTML 26Page - Macronix International MX28F2000P Datasheet HTML 27Page - Macronix International MX28F2000P Datasheet HTML 28Page - Macronix International MX28F2000P Datasheet HTML 29Page - Macronix International MX28F2000P Datasheet HTML 30Page - Macronix International MX28F2000P Datasheet HTML 31Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
27
P/N: PM0380
REV. 1.5, OCT 29, 1998
MX28F2000P
VPP HIGH ID CODE READ TIMING WAVEFORM
RESET TIMING WAVEFORM
tCWC
tVPS
Address Valid 0 or 1
tACC
tVPH
tCESC
tOES
tCEP
tCE
tOES
tDF
tOH
tDS
tDH
tOE
Command in
Data out valid
Vcc 5V
12V
Vpp
0V
A0
CE
OE
Q0-Q7
90H
C2H or 2AH
A1 - A16
tCEPH2
WE
tVPS
tCWC
tOES
tCEP
Command in
Vcc 5V
12V
Vpp
0V
CE
OE
Q0-Q7
FFH
FFH
A0 - A17
tCEP
tDS
tDH
tDS
tDH
Command in
tCEPH1
WE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com