Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX28F2000T Datasheet(PDF) 16 Page - Macronix International

Part # MX28F2000T
Description  2M-BIT [256K x 8] CMOS FLASH MEMORY
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F2000T Datasheet(HTML) 16 Page - Macronix International

Back Button MX28F2000T Datasheet HTML 12Page - Macronix International MX28F2000T Datasheet HTML 13Page - Macronix International MX28F2000T Datasheet HTML 14Page - Macronix International MX28F2000T Datasheet HTML 15Page - Macronix International MX28F2000T Datasheet HTML 16Page - Macronix International MX28F2000T Datasheet HTML 17Page - Macronix International MX28F2000T Datasheet HTML 18Page - Macronix International MX28F2000T Datasheet HTML 19Page - Macronix International MX28F2000T Datasheet HTML 20Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
16
MX28F2000T
P/N: PM0472
REV. 1.0, Jun 13, 1997
AUTOMATIC PROGRAMMING TIMING WAVEFORM
One byte data is programmed. Verify in fast algorithm
and additional programming by external control are not
required because these operations are excuted auto-
matically by internal control circuit.
Programming
completion can be verified by DATA polling and toggle bit
checking after automatic verify starts. Device outputs
DATA during programming and DATA after programming
on Q7. Q0 to Q5 (Q6 is for toggle bit; see toggle bit, DATA
polling, timing waveform) are in high impedance.
tCWC
Address
valid
tAS
tCEP
tOES
tCEP
tCESP tCES
tCESC
tDS
tDH
tDH
tDS
tDF
Data in
Command in
Data in
Command in
Vcc 5V
CE
OE
tAVT
12V
Vpp
0V
Command #40H
tVPH
tVPS
Q7
Q0~Q5
DATA polling
Auto program & DATA polling
Setup auto program/
program command
DATA
DATA
WE
A0 ~ A17
tCEPH1
tAH1
DATA
tDPA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com