| Electronic Components Datasheet Search |
|
UCD4023BL-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UCD4023BL-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies |
|
3 / 5 page ![]() UCD4023B Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 5 www.unisonic.com.tw QW-R502-865.b ABSOLUTE MAXIMUM RATING (TA =25°C, unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Supply Voltage VDD -0.5 ~ 18 V Input Voltage V(nA,nb,nc) -0.5 ~ VDD +0.5 V Output Voltage V(nY) -0.5 ~ VDD +0.5 V Storage Temperature TSTG -65 ~ + 150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Supply Voltage VDD 3 15 V Operating Temprature TOPR -40 85 °C ELECTRICAL CHARACTERISTICS(TA=25°С, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT High-Level Input Voltage VIH VDD=5V, VO=0.5V 3.5 3 V VDD=10V, VO=1.0V 7.0 6 VDD=5V, VO=1.5V 11.0 9 Low-Level Input Voltage VIL VDD=5V, VO=4.5V 2 1.5 V VDD=10V, VO=9.0V 4 3.0 VDD=15V, VO=13.5V 6 4.0 High-Level Output Voltage VOH VDD=5V, No Load 4.95 5 V VDD=10V, No Load 9.95 10 VDD=15V, No Load 14.95 15 Low-Level Output Voltage VOL VDD=5V, No Load 0 0.05 V VDD=10V, No Load 0 0.05 VDD=15V, No Load 0 0.05 High-Level Output Current (NOTE) IOH VDD=5V, VO=4.6V -0.44 -0.88 mA VDD=10V, VO=9.5V -1.1 -2.25 VDD=15V, VO=13.5V -3.0 -8.8 Low-Level Output Current (NOTE) IOL VDD=5V, VO=0.4V 0.44 0.88 mA VDD=10V, VO=0.5V 1.1 2.25 VDD=15V, VO=1.5V 3.0 8.8 Input Leakage Current II(LEAK) VDD=15V ,VIN=VDD or GND ±0.1 µA Quiescent Supply Current IQ VDD=5V, VIN=VDD or VSS, IOUT=0 0.004 0.25 µA VDD=10V, VIN=VDD or VSS, IOUT=0 0.005 0.5 VDD=15V, VIN=VDD or VSS, IOUT=0 0.006 1.0 Note: IOL and IOH are tested one output at a time |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |