Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD4021BG-P16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UCD4021BG-P16-R
Description  CMOS 8-STAGE STATIC SHIFT REGISTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4021BG-P16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UCD4021BG-P16-R Datasheet HTML 1Page - Unisonic Technologies UCD4021BG-P16-R Datasheet HTML 2Page - Unisonic Technologies UCD4021BG-P16-R Datasheet HTML 3Page - Unisonic Technologies UCD4021BG-P16-R Datasheet HTML 4Page - Unisonic Technologies UCD4021BG-P16-R Datasheet HTML 5Page - Unisonic Technologies UCD4021BG-P16-R Datasheet HTML 6Page - Unisonic Technologies UCD4021BG-P16-R Datasheet HTML 7Page - Unisonic Technologies UCD4021BG-P16-R Datasheet HTML 8Page - Unisonic Technologies UCD4021BG-P16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UCD4021B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R502-889.b
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 20
V
Input Voltage
VIN
-0.5 ~ VCC + 0.5
V
Output Voltage
VOUT
-0.5 ~ VCC + 0.5
V
Input Clamp Current (VIN<0, or VIN>VCC)
IIK
±10
mA
Power Dissipation
TA=-40°C ~ +100°C
PD
500
mW
TA=+100°C ~ +125°C
200
mW
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-16
θJA
73
°C/W
TSSOP-16
108
°C/W
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
3
18
V
Clock Pulse Width
tW
VCC = 5V
180
ns
VCC = 10V
80
VCC = 15V
50
Clock Frequency
fCL
VCC = 5V
3
MHz
VCC = 10V
6
VCC = 15V
8.5
Clock Rise and Fall Time
tr, tf
VCC = 5V
15
μs
VCC = 10V
15
VCC = 15V
15
Set-up Time, Serial Input
tS
VCC = 5V
120
ns
VCC = 10V
80
VCC = 15V
60
Set-up Time, Parallel Inputs
VCC = 5V
50
ns
VCC = 10V
30
VCC = 15V
20
Parallel/Serial Pulse Width
tW
VCC = 5V
160
ns
VCC = 10V
80
VCC = 15V
50
Parallel/Serial Removal Time
tREM
VCC = 5V
280
ns
VCC = 10V
140
VCC = 15V
100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com