Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP520 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFP520
Description  Low Noise Silicon Bipolar RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP520 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFP520 Datasheet HTML 1Page - Infineon Technologies AG BFP520 Datasheet HTML 2Page - Infineon Technologies AG BFP520 Datasheet HTML 3Page - Infineon Technologies AG BFP520 Datasheet HTML 4Page - Infineon Technologies AG BFP520 Datasheet HTML 5Page - Infineon Technologies AG BFP520 Datasheet HTML 6Page - Infineon Technologies AG BFP520 Datasheet HTML 7Page - Infineon Technologies AG BFP520 Datasheet HTML 8Page - Infineon Technologies AG BFP520 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2015-10-12
5
BFP520
Power gain Gma, Gms, |S21|2 = ƒ (f)
VCE = 2 V, IC = 20 mA
0
1
2
3
4
GHz
6
f
0
4
8
12
16
20
24
28
32
36
dB
44
Gms
Gma
|S21|²
Power gain Gma, Gms = ƒ (IC)
VCE = 2V
f = parameter in GHz
0
5
10
15
20
25
30
35 mA
45
IC
0
4
8
12
16
20
24
dB
32
0.9
1.8
2.4
3
4
5
6
Power gain Gma, Gms = ƒ (VCE)
IC = 20 mA
f = parameter in GHz
0
0.5
1
1.5
2
V
3
VCE
0
4
8
12
16
20
24
dB
32
0.9
1.8
2.4
3
4
5
6
Minimum noise figure NFmin = ƒ(IC)
VCE = 2 V, ZS = ZSopt
0
5
10
15
20
25
30
mA
40
IC
0
0.5
1
1.5
2
dB
3
f = 6 GHz
f = 5 GHz
f = 4 GHz
f = 3 GHz
f = 2.4 GHz
f = 1.8 GHz
f = 0.9 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com