Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2178 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2178
Description  2.5A Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2178 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2178 Datasheet HTML 1Page - Micrel Semiconductor MIC2178 Datasheet HTML 2Page - Micrel Semiconductor MIC2178 Datasheet HTML 3Page - Micrel Semiconductor MIC2178 Datasheet HTML 4Page - Micrel Semiconductor MIC2178 Datasheet HTML 5Page - Micrel Semiconductor MIC2178 Datasheet HTML 6Page - Micrel Semiconductor MIC2178 Datasheet HTML 7Page - Micrel Semiconductor MIC2178 Datasheet HTML 8Page - Micrel Semiconductor MIC2178 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MIC2178
Micrel
MIC2178
4
June 1998
Symbol
Parameter
Condition
Min
Typ
Max
Units
Enable Threshold
0.8
1.6
2.2
V
I
EN
Enable Leakage
V
EN = 0V to 5.5V
–1
0.01
1
µA
PWM Threshold
0.6
1.1
1.4
V
I
PWM
PWM Leakage
V
PWM = 0V to 5.5V
–1
0.01
1
µA
PWRGD Threshold
MIC2178 [adj.]: measured at FB pin
1.09
1.13
1.17
V
MIC2178-5.0: measured at FB pin
4.33
4.54
4.75
V
MIC2178-3.3: measured at FB pin
2.87
3.00
3.13
V
PWRGD Output Low
I
SINK = 1.0mA
0.25
0.4
V
PWRGD Off Leakage
V
PWRGD = 5.5V
0.01
1
µA
General Note: Devices are ESD sensitive. Handling precautions recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com