Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2178BWM Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC2178BWM
Description  2.5A Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2178BWM Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC2178BWM Datasheet HTML 8Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 9Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 10Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 11Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 12Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 13Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 14Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 15Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
June 1998
15
MIC2178
MIC2178
Micrel
Suggested Manufacturers List
Inductors
Capacitors
Diodes
Transistors
Coilcraft
AVX Corp.
General Instruments (GI)
Siliconix
1102 Silver Lake Rd.
801 17th Ave. South
10 Melville Park Rd.
2201 Laurelwood Rd.
Cary, IL 60013
Myrtle Beach, SC 29577
Melville, NY 11747
Santa Clara, CA 96056
tel: (708) 639-2361
tel: (803) 448-9411
tel: (516) 847-3222
tel: (800) 554-5565
fax: (708) 639-1469
fax: (803) 448-1943
fax: (516) 847-3150
Coiltronics
Sanyo Video Components Corp.
International Rectifier Corp.
6000 Park of Commerce Blvd.
2001 Sanyo Ave.
233 Kansas St.
Boca Raton, FL 33487
San Diego, CA 92173
El Segundo, CA 90245
tel: (407) 241-7876
tel: (619) 661-6835
tel: (310) 322-3331
fax: (407) 241-9339
fax: (619) 661-1055
fax: (310) 322-3332
Bi Technologies
Sprague Electric
Motorola Inc.
4200 Bonita Place
Lower Main St.
MS 56-126
Fullerton, CA
60005 Sanford, ME 04073
3102 North 56th St.
tel: (714) 447-2345
tel: (207) 324-4140
Phoenix, AZ 85018
fax: (714) 447-2500
tel: (602) 244-3576
fax: (602) 244-4015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com