Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJS6600 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJS6600
Description  30V Complementary Enhancement Mode MOSFET ??ESD Protected
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6600 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJS6600 Datasheet HTML 1Page - Pan Jit International Inc. PJS6600 Datasheet HTML 2Page - Pan Jit International Inc. PJS6600 Datasheet HTML 3Page - Pan Jit International Inc. PJS6600 Datasheet HTML 4Page - Pan Jit International Inc. PJS6600 Datasheet HTML 5Page - Pan Jit International Inc. PJS6600 Datasheet HTML 6Page - Pan Jit International Inc. PJS6600 Datasheet HTML 7Page - Pan Jit International Inc. PJS6600 Datasheet HTML 8Page - Pan Jit International Inc. PJS6600 Datasheet HTML 9Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PPJS6600
January 22,2015-REV.03
Page 1
30V Complementary Enhancement Mode MOSFET
– ESD Protected
Voltage
30 / -30V
Current
1.6 /-1.1A
SOT-23 6L
Unit: inch(mm)
Features
Advanced Trench Process Technology
Specially Designed for Switch Load, PWM Application, etc.
ESD Protected 2KV HBM
Lead free in compliance with EU RoHS 2011/65/EU
directive
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case: SOT-23 6L Package
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0005 ounces, 0.014 grams
Marking: SC0
PARAMETER
SYMBOL
N-Ch LIMIT
P-Ch LIMIT
UNITS
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
+8
+8
V
Continuous Drain Current
ID
1.6
-1.1
A
Pulsed Drain Current
(Note 4)
IDM
6.4
-4.4
A
Power Dissipation
Ta=25
oC
PD
1.25
W
Derate above 25
oC
10
mW/
oC
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal resistance
-
Junction to Ambient
(Note 3)
RθJA
100
oC/W
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)


Similar Part No. - PJS6600

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6600 PANJIT-PJS6600 Datasheet
535Kb / 9P
30V Complementary Enhancement Mode MOSFET – ESD Protected
January 20,2022
PJS6600_S1_00001 PANJIT-PJS6600_S1_00001 Datasheet
535Kb / 9P
30V Complementary Enhancement Mode MOSFET – ESD Protected
January 20,2022
PJS6600_S2_00001 PANJIT-PJS6600_S2_00001 Datasheet
535Kb / 9P
30V Complementary Enhancement Mode MOSFET – ESD Protected
January 20,2022
PJS6600 PANJIT-PJS6600_V01 Datasheet
535Kb / 9P
30V Complementary Enhancement Mode MOSFET – ESD Protected
January 20,2022
More results

Similar Description - PJS6600

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PPJT7600 PANJIT-PPJT7600 Datasheet
489Kb / 9P
20V Complementary Enhancement Mode MOSFET . ESD Protected
PJA3422 PANJIT-PJA3422 Datasheet
319Kb / 6P
30V N-Channel Enhancement Mode MOSFET??ESD Protected
PJT7603 PANJIT-PJT7603 Datasheet
457Kb / 9P
Complementary Enhancement Mode MOSFET ??ESD Protected
PJX8603 PANJIT-PJX8603 Datasheet
467Kb / 9P
Complementary Enhancement Mode MOSFET ??ESD Protected
PJX8804 PANJIT-PJX8804 Datasheet
326Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7601 PANJIT-PJT7601 Datasheet
575Kb / 9P
20V Complementary Enhancement Mode MOSFET – ESD Protected
April 7,2016-REV.00
PJT7605-AU PANJIT-PJT7605-AU Datasheet
776Kb / 9P
60V Complementary Enhancement Mode MOSFET – ESD Protected
November 5,2021
PJX8603-AU PANJIT-PJX8603-AU Datasheet
540Kb / 9P
Complementary Enhancement Mode MOSFET – ESD Protected
August 10,2022 PJX8603-AU-REV.01
PJX8601-AU PANJIT-PJX8601-AU Datasheet
557Kb / 9P
Complementary Enhancement Mode MOSFET – ESD Protected
August 10,2022 PJX8601-AU-REV.01
PJX8601 PANJIT-PJX8601 Datasheet
558Kb / 9P
Complementary Enhancement Mode MOSFET – ESD Protected
August 10,2022 PJX8601-REV.01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com