Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2537 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2537
Description  Quad Power Distribution Switch Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2537 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2537 Datasheet HTML 1Page - Micrel Semiconductor MIC2537 Datasheet HTML 2Page - Micrel Semiconductor MIC2537 Datasheet HTML 3Page - Micrel Semiconductor MIC2537 Datasheet HTML 4Page - Micrel Semiconductor MIC2537 Datasheet HTML 5Page - Micrel Semiconductor MIC2537 Datasheet HTML 6Page - Micrel Semiconductor MIC2537 Datasheet HTML 7Page - Micrel Semiconductor MIC2537 Datasheet HTML 8Page - Micrel Semiconductor MIC2537 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC2537
Micrel
December 1999
2
MIC2537
Pin Description
Pin Number
Pin Name
Pin Function
1
FLGA
Flag A: (Output): Channel A open-drain fault flag output.
2
ENA
Enable A (Input): Channel A control input.
3
OUTA
Output A: Channel A switch output.
4
GND
Ground: Supply return. Connect both leads to ground.
5, 12
NC
Not internally connected
6
OUTB
Output B: Channel B switch output.
7
ENB
Enable B (Input): Channel B control input.
8
FLGB
Flag B (Output): Channel B open-drain fault flag output.
9
FLGC
Flag C (Output): Channel C open-drain fault flag output.
10
ENC
Enable C (Input): Channel C control input.
11
OUTC
Output C: Channel C switch output.
13
IN
Positive Supply Input
14
OUTD
Output D: Channel D switch output.
15
END
Enable D (Input): Channel D control input.
16
FLGD
Flag D (Output): Channel D open-drain fault flag output.
Pin Configuration
1
2
3
4
16
15
14
13
FLGD
END
OUTD
IN
FLGA
ENA
OUTA
GND
MIC2537-x
5
6
7
8
12
11
10
9
NC
OUTC
ENC
FLGC
NC
OUTB
ENB
FLGB
16-Lead SOP (M)
Ordering Information
Part Number
Enable
Temperature Range
Package
MIC2537-1BM
Active High
–40
°C to +85°C
16-Lead SOP
MIC2537-2BM
Active Low
–40
°C to +85°C
16-Lead SOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com