Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9015 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 9015
Description  PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9015 Datasheet(HTML) 2 Page - Unisonic Technologies

  9015_15 Datasheet HTML 1Page - Unisonic Technologies 9015_15 Datasheet HTML 2Page - Unisonic Technologies 9015_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
9015
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R201-032.D
ABSOLUTE MAXIMUM RATINGS (T
A=25°C, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-100
mA
Collector Dissipation
PC
450
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC = -100μA, IE = 0
-50
V
Collector-Emitter Breakdown Voltage
BVCEO
IC = -1mA, IB = 0
-45
V
Emitter-Base Breakdown Voltage
BVEBO
IE = -100μA, IC = 0
-5
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC = -100mA, IB = -5mA
-0.2
-0.7
V
Base-Emitter Saturation Voltage
VBE(sat)
IC = -100mA, IB = -5mA
-0.82
-1.0
V
Base-Emitter On Voltage
VBE(on)
VCE = -5V, IC = -2mA
-0.6
-0.65 -0.75
V
Collector Cutoff Current
ICBO
VCB = -50V, IE =0
-50
nA
Emitter Cutoff Current
IEBO
VEB = -5V, IC =0
-100
nA
DC Current Gain
hFE
VCE =-5V, IC = -1mA
60
200
600
Output Capacitance
Cob
VCB = -10V, IE =0, f =1MHz
4.5
7.0
pF
Current Gain-Bandwidth Product
fT
VCE = -5V, IC = -10mA
100
190
MHz
Noise Figure
NF
VCE = -5V, IC = -0.2mA
f = 1KHz, Rs = 1K
Ω
0.7
10
dB
CLASSIFICATION OF hFE
RANK
A
B
C
RANGE
60-150
100-300
200-600



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com