Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL2102ALAFTK Datasheet(PDF) 13 Page - Intersil Corporation

Part # ZL2102ALAFTK
Description  6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2102ALAFTK Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ZL2102ALAFTK Datasheet HTML 9Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 10Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 11Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 12Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 13Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 14Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 15Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 16Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
ZL2102
13
FN8440.2
November 20, 2014
Submit Document Feedback
as an input, an output, or auto-detect mode. The ZL2102
incorporates an internal phase-locked loop (PLL) to clock the
internal circuitry. The PLL can be driven by an external clock
source connected to the SYNC pin, or it can be configured to drive
the internal clock out of the SYNC pin to other devices.
SYNC OUTPUT: When the SYNC pin is configured as an output, the
device will run from its internal oscillator and will drive the
selected switching frequency onto the SYNC pin so that other
devices can be synchronized to it.
SYNC INPUT: When the SYNC pin is configured as an input, the
device will check for an external clock signal on the SYNC pin
each time the output is enabled. The internal oscillator will then
synchronize with the rising edge of the external clock. The
incoming clock signal must be in the range of 200kHz to 1MHz
and must be stable when the enable pin is asserted. The clock
signal must have a minimum width of 150ns, and it must stay
within 10% of its initial value. In the event of a loss of the
external clock signal, will automatically switch to its internal
oscillator and switch at a frequency close to the previous
incoming frequency. The output voltage may show a transient
overshoot/undershoot if this occurs.
SYNC AUTO DETECT: When the SYNC pin is configured in
auto-detect mode, the device will check for a clock signal on the
SYNC pin each time EN is asserted. If there is a valid clock, the
pin will run as a sync input.
If no incoming clock signal is present, the device will switch at
the selected internal clock rate.
Soft-Start and UVLO Settings (SS)
The ZL2102 supports variable turn-on/off delay times,
turn-on/off ramp rates, and input undervoltage lockout (UVLO)
functions. These features may be used as part of an overall
in-rush current management strategy or to precisely control how
fast a load is turned on. The ZL2102 provides several options for
precisely and independently controlling both the delay and ramp
time periods.
The soft-start delay period begins when the EN pin is asserted
and ends when the delay time expires. The soft-start ramp timer
enables a precisely controlled monotonic ramp to the nominal
VOUT value that begins once the delay period has expired. This
process is also followed for ramp down after the EN pin has been
deasserted.
The input undervoltage lockout (UVLO) prevents the ZL2102 from
operating when the input falls below a preset threshold,
indicating the input supply is out of its specified range.
The ZL2102's TON/TOFF delay time, TON/TOFF ramp time, and
UVLO functions can be configured using the SS pin strap options
shown in Table 7.
These functions can also be set independently using TON_DELAY,
TON_RISE, TOFF_DELAY, and TOFF_FALL PMBus commands. The
UVLO threshold can be adjusted using the VIN_UV_FAULT_LIMIT
PMBus command. The ramp down function is disabled by
default, but it can be enabled using the ON_OFF_CONFIG or
OPERATION PMBus commands depending on the desired device
enable method.
Start-up Procedure
The ZL2102 follows a specific internal start-up procedure after
power is applied. Figure 12 describes the start-up sequence.
TABLE 7.
RSS
(kΩ)
TON/TOFF DELAY
TIME
(ms)
TON/TOFF
RAMP TIME
(ms)
UVLO
(V)
10
5
5
4.5
11
10
12.1
20
LOW or 13.3
5
10
14.7
10
16.2
20
17.8
5
20
19.6
10
21.5
20
23.7
5
5
5.5
26.1
10
HIGH or 28.7
20
31.6
5
10
34.8
10
38.3
20
42.2
5
20
46.4
10
51.1
20
56.2
5
5
7.5
OPEN or 61.9
10
68.1
20
75
5
10
82.5
10
91
20
100
5
20
110
10
121
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com