Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2570 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2570
Description  Two-Cell Switching Regulator Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2570 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2570 Datasheet HTML 6Page - Micrel Semiconductor MIC2570 Datasheet HTML 7Page - Micrel Semiconductor MIC2570 Datasheet HTML 8Page - Micrel Semiconductor MIC2570 Datasheet HTML 9Page - Micrel Semiconductor MIC2570 Datasheet HTML 10Page - Micrel Semiconductor MIC2570 Datasheet HTML 11Page - Micrel Semiconductor MIC2570 Datasheet HTML 12Page - Micrel Semiconductor MIC2570 Datasheet HTML 13Page - Micrel Semiconductor MIC2570 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MIC2570
Micrel
4-74
1997
Component Cross Reference
Capacitors
AVX
Sprague
Sanyo
Sanyo
Surface Mount
Surface Mount
Through Hole
Through Hole
(Tantalum)
(Tantalum)
(OS-CON)
(AL Electrolytic)
330
µF/6.3V
TPSE337M006R0100
593D337X06R3E2W
10SA220M
16MV330GX (330
µF/16V)
220
µF/10V
TPSE227M010R0100
593D227X0010E2W
10SA220M
16MV330GX (330
µF/16V)
100
µF/10V
TPSD107M010R0100
593D107X0010D2W
10SA100M
16MV330GX (330
µF/16V)
33
µF/25V
TPSE336M025R0300
593D336X0025E2W
35MV68GX (68
µF/35V)
22
µF/35V
TPSE226M035R0300
593D226X0035E2W
35MV68GX (68
µF/35V)
Diodes
Motorola
GI
IR
Motorola
Surface Mount
Surface Mount
Surface Mount
Through Hole
(Schottky)
(Schottky)
(Schottky)
(Schottky)
1A/40V
MBRA140T3
SS14
10MQ40
1N5819
1A/20V
1N5817
Inductors
Coilcraft
Coiltronics
Sumida
Sumida
Surface Mount
Surface Mount
Surface Mount
Through Hole
(Button Cores)
(Torriod)
(Button Cores)
(Button Cores)
22
µH
DO3308P-223
47
µH
DO3316P-473
CD75-470LC
RCH-106-470k
50
µH
CTX50-4P
Suggested Manufacturers List
Inductors
Capacitors
Diodes
Transistors
Coilcraft
AVX Corp.
General Instruments (GI)
Siliconix
1102 Silver Lake Rd.
801 17th Ave. South
10 Melville Park Rd.
2201 Laurelwood Rd.
Cary, IL 60013
Myrtle Beach, SC 29577
Melville, NY 11747
Santa Clara, CA 96056
tel: (708) 639-2361
tel: (803) 448-9411
tel: (516) 847-3222
tel: (800) 554-5565
fax: (708) 639-1469
fax: (803) 448-1943
fax: (516) 847-3150
Coiltronics
Sanyo Video Components Corp.
International Rectifier Corp.
Zetex
6000 Park of Commerce Blvd.
2001 Sanyo Ave.
233 Kansas St.
87 Modular Ave.
Boca Raton, FL 33487
San Diego, CA 92173
El Segundo, CA 90245
Commack, NY 11725
tel: (407) 241-7876
tel: (619) 661-6835
tel: (310) 322-3331
tel: (516) 543-7100
fax: (407) 241-9339
fax: (619) 661-1055
fax: (310) 322-3332
Sumida
Sprague Electric
Motorola Inc.
Suite 209
Lower Main St.
MS 56-126
637 E. Golf Road
60005 Sanford, ME 04073
3102 North 56th St.
Arlington Heights, IL
tel: (207) 324-4140
Phoenix, AZ 85018
tel: (708) 956-0666
tel: (602) 244-3576
fax: (708) 956-0702
fax: (602) 244-4015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com