Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29510 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC29510
Description  5A Fast-Response LDO Regulator Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29510 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC29510 Datasheet HTML 1Page - Micrel Semiconductor MIC29510 Datasheet HTML 2Page - Micrel Semiconductor MIC29510 Datasheet HTML 3Page - Micrel Semiconductor MIC29510 Datasheet HTML 4Page - Micrel Semiconductor MIC29510 Datasheet HTML 5Page - Micrel Semiconductor MIC29510 Datasheet HTML 6Page - Micrel Semiconductor MIC29510 Datasheet HTML 7Page - Micrel Semiconductor MIC29510 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997
3-97
MIC29510/29512
Micrel
3
Pin Description
3-Pin TO-220 (MIC29510)
Pin Number
Pin Name
Pin Function
1
IN
Unregulated Input: +16V maximum supply.
2
GND
Ground: Internally connected to tab (ground).
3
OUT
Regulated Output
5-Pin TO-220 (MIC29512)
Pin Number
Pin Name
Pin Function
1
EN
Enable (Input): Logic-level ON/OFF control.
2
IN
Unregulated Input: +16V maximum supply.
3
GND
Ground: Internally connected to tab (ground).
4
OUT
Regulated Output
5
ADJ
Output Voltage Adjust: 1.240V feedback from external resistive divider.
Operating Ratings
Operating Junction Temperature ................. 0
°C to +125°C
θ
JC (TO-220) ............................................................. 2°C/W
θ
JA (TO-220) ........................................................... 55°C/W
Absolute Maximum Ratings
Input Supply Voltage (Note 1) ....................... –20V to +20V
Power Dissipation .................................... Internally Limited
Storage Temperature Range ................... –65
°C to +150°C
Lead Temperature (Soldering, 5 sec.) ...................... 260
°C
Pin Configuration
12345
MIC29512BT
1 2 3
MIC29510BT
On all devices, the Tab is grounded.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com