Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4420BMM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4420BMM
Description  6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4420BMM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4420BMM Datasheet HTML 1Page - Micrel Semiconductor MIC4420BMM Datasheet HTML 2Page - Micrel Semiconductor MIC4420BMM Datasheet HTML 3Page - Micrel Semiconductor MIC4420BMM Datasheet HTML 4Page - Micrel Semiconductor MIC4420BMM Datasheet HTML 5Page - Micrel Semiconductor MIC4420BMM Datasheet HTML 6Page - Micrel Semiconductor MIC4420BMM Datasheet HTML 7Page - Micrel Semiconductor MIC4420BMM Datasheet HTML 8Page - Micrel Semiconductor MIC4420BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
5-34
April 1998
MIC4420/4429
Micrel
Electrical Characteristics: (T
A = 25°C with 4.5V ≤ VS ≤ 18V unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
INPUT
VIH
Logic 1 Input Voltage
2.4
1.4
V
VIL
Logic 0 Input Voltage
1.1
0.8
V
VIN
Input Voltage Range
–5
VS + 0.3
V
IIN
Input Current
0 V
≤ V
IN ≤ VS
–10
10
µA
OUTPUT
VOH
High Output Voltage
See Figure 1
VS–0.025
V
VOL
Low Output Voltage
See Figure 1
0.025
V
RO
Output Resistance,
IOUT = 10 mA, VS = 18 V
1.7
2.8
Ω
Output Low
RO
Output Resistance,
IOUT = 10 mA, VS = 18 V
1.5
2.5
Ω
Output High
IPK
Peak Output Current
VS = 18 V (See Figure 5)
6
A
IR
Latch-Up Protection
>500
mA
Withstand Reverse Current
SWITCHING TIME (Note 3)
tR
Rise Time
Test Figure 1, CL = 2500 pF
12
35
ns
tF
Fall Time
Test Figure 1, CL = 2500 pF
13
35
ns
tD1
Delay Time
Test Figure 1
18
75
ns
tD2
Delay Time
Test Figure 1
48
75
ns
POWER SUPPLY
IS
Power Supply Current
VIN = 3 V
0.45
1.5
mA
VIN = 0 V
90
150
µA
VS
Operating Input Voltage
4.5
18
V
Absolute Maximum Ratings (Notes 1, 2 and 3)
Supply Voltage .......................................................... 20V
Input Voltage ............................... V
S + 0.3V to GND – 5V
Input Current (V
IN > VS) ......................................... 50mA
Power Dissipation, T
A ≤ 25°C
PDIP ................................................................... 960W
SOIC ............................................................. 1040mW
5-Pin TO-220 .......................................................... 2W
Power Dissipation, T
C ≤ 25°C
5-Pin TO-220 ..................................................... 12.5W
Derating Factors (to Ambient)
PDIP ............................................................ 7.7mW/
°C
SOIC ........................................................... 8.3mW/
°C
5-Pin TO-220 ................................................ 17mW/
°C
Storage Temperature ............................ –65
°C to +150°C
Lead Temperature (10 sec.) .................................. 300
°C
Operating Ratings
Junction Temperature ............................................ 150
°C
Ambient Temperature
C Version ................................................ 0
°C to +70°C
B Version ............................................. –40
°C to +85°C
Package Thermal Resistance
5-pin TO-220
(θ
JC) .......................................... 10°C/W
8-pin MSOP
(θ
JA) .......................................... 250°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com