Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4451CT Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4451CT
Description  12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4451CT Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4451CT Datasheet HTML 1Page - Micrel Semiconductor MIC4451CT Datasheet HTML 2Page - Micrel Semiconductor MIC4451CT Datasheet HTML 3Page - Micrel Semiconductor MIC4451CT Datasheet HTML 4Page - Micrel Semiconductor MIC4451CT Datasheet HTML 5Page - Micrel Semiconductor MIC4451CT Datasheet HTML 6Page - Micrel Semiconductor MIC4451CT Datasheet HTML 7Page - Micrel Semiconductor MIC4451CT Datasheet HTML 8Page - Micrel Semiconductor MIC4451CT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
5-70
April 1998
MIC4451/4452
Micrel
General Description
MIC4451 and MIC4452 CMOS MOSFET drivers are tough,
efficient, and easy to use. The MIC4451 is an inverting
driver, while the MIC4452 is a non-inverting driver.
Both versions are capable of 12A (peak) output and can
drive the largest MOSFETs with an improved safe operating
margin. The MIC4451/4452 accepts any logic input from
2.4V to VS without external speed-up capacitors or resistor
networks. Proprietary circuits allow the input to swing nega-
tive by as much as 5V without damaging the part. Additional
circuits protect against damage from electrostatic discharge.
MIC4451/4452 drivers can replace three or more discrete
components, reducing PCB area requirements, simplifying
product design, and reducing assembly cost.
Modern Bipolar/CMOS/DMOS construction guarantees free-
dom from latch-up. The rail-to-rail swing capability of CMOS/
DMOS insures adequate gate voltage to the MOSFET dur-
ing power up/down sequencing. Since these devices are
fabricated on a self-aligned process, they have very low
crossover current, run cool, use little power, and are easy to
drive.
Features
• BiCMOS/DMOS Construction
• Latch-Up Proof: Fully Isolated Process is Inherently
Immune to Any Latch-up.
• Input Will Withstand Negative Swing of Up to 5V
• Matched Rise and Fall Times ............................... 25ns
• High Peak Output Current ............................ 12A Peak
• Wide Operating Range .............................. 4.5V to 18V
• High Capacitive Load Drive ........................... 62,000pF
• Low Delay Time ........................................... 30ns Typ.
• Logic High Input for Any Voltage from 2.4V to VS
• Low Supply Current .............. 450
µA With Logic 1 Input
• Low Output Impedance ........................................ 1.0
Ω
• Output Voltage Swing to Within 25mV of GND or VS
• Low Equivalent Input Capacitance (typ) ................. 7pF
Applications
• Switch Mode Power Supplies
• Motor Controls
• Pulse Transformer Driver
• Class-D Switching Amplifiers
• Line Drivers
• Driving MOSFET or IGBT Parallel Chip Modules
• Local Power ON/OFF Switch
• Pulse Generators
Functional Diagram
IN
OUT
MIC4451
INVERTING
MIC4452
NONINVERTING
0.1mA
0.3mA
2k
Ω
VS
GND
MIC4451/4452
12A-Peak Low-Side MOSFET Driver
Bipolar/CMOS/DMOS Process


Similar Part No. - MIC4451CT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4451CT MICREL-MIC4451CT Datasheet
199Kb / 12P
12A-Peak Low-Side MOSFET Driver
More results

Similar Description - MIC4451CT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4420 MICREL-MIC4420 Datasheet
96Kb / 10P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4423 MICREL-MIC4423 Datasheet
117Kb / 12P
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
SHD850003D SENSITRON-SHD850003D Datasheet
57Kb / 3P
3A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4120 MICREL-MIC4120_10 Datasheet
458Kb / 10P
6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Microchip Technology
MIC4420 MICROCHIP-MIC4420 Datasheet
2Mb / 26P
6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com