Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD210G-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MJD210G-TN3-R
Description  PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJD210G-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MJD210G-TN3-R Datasheet HTML 1Page - Unisonic Technologies MJD210G-TN3-R Datasheet HTML 2Page - Unisonic Technologies MJD210G-TN3-R Datasheet HTML 3Page - Unisonic Technologies MJD210G-TN3-R Datasheet HTML 4Page - Unisonic Technologies MJD210G-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MJD210
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R213-001.C
TYPICAL CHARACTERISTICS (Cont.)
0.1
1
0.05 0.07
5
3
2
0.5
0.3
0.2
Temperature Current (A)
0.7
+1.5
+0.5
-0.5
-1.5
-2.5
+2.5
*Applies For IC/IB≤hEF/3
Collector Current, IC(A)
-2
-1
0
+1
+2
*θVC for VCE(SAT)
θVB for VBE
25℃ to 150℃
-55℃ to 25℃
25℃ to 150℃
-55℃ to 25℃
200
100
30
20
0.4
1
40
0.5
20
10
46
2
50
70
Capacitance
TJ=25℃
Cib
Cob
Reverse Voltage, VR (V)
0.01
1
0.3
10
20
5
3
2
Active Region Safe Operating Area
0.1
1
10
5
3
2
7
30
__ _ __ _Bonding Wire Limited
__ __ __ Thermally Limited @TC=25℃
(Singel Pulse)
_______ Second Breakdown Limited
Curves Aplly Below
Rated VCEO
Collector-Emitter Voltage, VCE (V)
100µ
500µ
1ms
5ms
TJ=150℃
DC
There are two limitations on the power handling
ability of a transistor: average junction temperature
and second breakdown. Safe operating area curves
indicate IC-VCE limits of the transistor that must be
observed for reliable operation; i.e., the transistor must
not be subjected to greater dissipation than the curves
indicate.
The data of Fig. 9 is based on TJ(pk)=150℃; Tc is
variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided
TJ(pk)150℃. TJ(pk) may be calculated from the data
in Figure 8. At high case temperatures, thermal
limitations will reduce the power that can be handled to
values less than the limitations imposed by second
breakdown.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com