Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5022 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5022
Description  Half-Bridge MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5022 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5022 Datasheet HTML 1Page - Micrel Semiconductor MIC5022 Datasheet HTML 2Page - Micrel Semiconductor MIC5022 Datasheet HTML 3Page - Micrel Semiconductor MIC5022 Datasheet HTML 4Page - Micrel Semiconductor MIC5022 Datasheet HTML 5Page - Micrel Semiconductor MIC5022 Datasheet HTML 6Page - Micrel Semiconductor MIC5022 Datasheet HTML 7Page - Micrel Semiconductor MIC5022 Datasheet HTML 8Page - Micrel Semiconductor MIC5022 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MIC5022
Micrel
MIC5022
178
September 1999
MIC5022
Half-Bridge MOSFET Driver
Features
• 12V to 36V operation
• 600ns rise time into 1000pF (high side)
• TTL compatible input with internal pull-down resistor
• Outputs interlocked to prevent cross conduction
• TTL compatible enable
• Fault output indication
• Individual overcurrent limits
• Gate protection
• Internal charge pump (high-side)
• Current source drive scheme reduces EMI
Applications
• Motor control
• Switch-mode power supplies
General Description
The MIC5022 half-bridge MOSFET driver is designed to
operate at frequencies up to 100kHz (5kHz PWM for 2% to
100% duty cycle) and is an ideal choice for high speed
applications such as motor control and SMPS (switch mode
power supplies).
A rising or falling edge on the input results in a current source
pulse or sink pulse on the gate outputs. This output current
pulse can turn on a 2000pF MOSFET in approximately 1
µs.
The MIC5022 then supplies a limited current (< 2mA), if
necessary, to maintain the output states.
Two overcurrent comparators with nominal trip voltages of
50mV make the MIC5022 ideal for use with current sensing
MOSFETs. External low value resistors may be used instead
of sensing MOSFETs for more precise overcurrent control.
Optional external capacitors placed on the C
TH and CTL pins
may be used to individually control the current shutdown duty
cycles from approximately 20% to <1%. Duty cycles from
20% to about 75% are possible with individual pull-up resis-
tors from C
TL and CTH to VDD.
An open collector output
provides a fault indication when either sense input is tripped.
The MIC5022 is available in 16-pin wide SOIC and 14-pin
plastic DIP packages.
Other members of the MIC502x family include the MIC5020
low-side driver and the MIC5021 high-side driver.
Typical Application
VDD
Input
Fault
CTH
Enable
CTL
Gnd
VBOOST
Gate H
Sense H–
Sense H+
Gate L
Sense L–
Sense L+
CTL
CTH
10µF
RS1
RS2
2.7nF
M
+12V to +36V
MIC5022
TTL Input
(PWM signal)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
DC Motor Control Application
Ordering Information
Part Number
Temperature Range
Package
MIC5022BWM
–40
°C to +85°C
16-pin Wide SOIC
MIC5022BN
–40
°C to +85°C
14-pin Plastic DIP


Similar Part No. - MIC5022

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5022 MICREL-MIC5022 Datasheet
198Kb / 10P
Half-Bridge MOSFET Driver
MIC5022BN MICREL-MIC5022BN Datasheet
198Kb / 10P
Half-Bridge MOSFET Driver
MIC5022BWM MICREL-MIC5022BWM Datasheet
198Kb / 10P
Half-Bridge MOSFET Driver
MIC5022 MICREL-MIC5022_05 Datasheet
198Kb / 10P
Half-Bridge MOSFET Driver
More results

Similar Description - MIC5022

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5022 MICREL-MIC5022_05 Datasheet
198Kb / 10P
Half-Bridge MOSFET Driver
logo
International Rectifier
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600 Datasheet
342Kb / 26P
28V Half-Bridge MOSFET Driver
06/23/16
logo
Allegro MicroSystems
A4926 ALLEGRO-A4926 Datasheet
785Kb / 36P
Automotive Half-Bridge MOSFET Driver
A4927 ALLEGRO-A4927 Datasheet
857Kb / 40P
Automotive Half-Bridge MOSFET Driver
A4928 ALLEGRO-A4928 Datasheet
1Mb / 41P
Automotive Half-Bridge MOSFET Driver
logo
AiT Semiconductor Inc.
AG2104 AITSEMI-AG2104 Datasheet
557Kb / 9P
MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
AG2106 AITSEMI-AG2106 Datasheet
997Kb / 15P
MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600_V01 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com