Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2986 Datasheet(PDF) 21 Page - Gennum Corporation

Part # GS2986
Description  Standards indication in Auto mode
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2986 Datasheet(HTML) 21 Page - Gennum Corporation

Back Button GS2986 Datasheet HTML 17Page - Gennum Corporation GS2986 Datasheet HTML 18Page - Gennum Corporation GS2986 Datasheet HTML 19Page - Gennum Corporation GS2986 Datasheet HTML 20Page - Gennum Corporation GS2986 Datasheet HTML 21Page - Gennum Corporation GS2986 Datasheet HTML 22Page - Gennum Corporation GS2986 Datasheet HTML 23Page - Gennum Corporation GS2986 Datasheet HTML 24Page - Gennum Corporation GS2986 Datasheet HTML 25Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
GS2986 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52134 - 3
July 2012
21 of 41
4.8.1 Lock Detect and Asynchronous Lock
The reference crystal is used to assist the PLL in achieving short lock time. The lock detection
algorithm is a continuous process, which begins at device power up or after a system reset, and
continues until the device is powered down.
The asynchronous lock time is defined as the time it takes the device to lock when a video signal
is first applied to the serial digital inputs, or when the digital video signal rate changes.
The synchronous lock time is defined as the time it takes the device to lock to a signal which has
been momentarily interrupted.
4.9 Serial Data Output
The GS2986 features two current-mode differential output drivers, each capable of driving a
maximum of 800mVpp, differential, into an external 100Ω differential load.
Each of the GS2986's output buffers include two on-chip, 50
Ω termination resistors.
4.9.1 Output Signal Interface Levels
The serial digital outputs of the GS2986 are compatible when DC-coupled with all Gennum
serial digital interface products that feature a differential LVPECL or CML receiver designed for
SDI applications and operate from 3.3V or 2.5V supplies. This includes but is not limited to:
GS2978, GS2988, and GS2989.
The serial digital data inputs are also compatible when DC-coupled with LVPECL or CML
differential outputs from crosspoint switches which operate from 3.3V or 2.5V supplies. This
includes but is not limited to: GS2974A, GS2974B, and GS2984 equalizers.
4.9.2 Adjustable Output Swing
It is possible, via the host interface, to force the output swing to 400mVpp or 800mVpp
differential, when the outputs are terminated with 50
Ω loads.
The default output swing upon power-up is 400mVpp differential.
4.9.3 Output De-emphasis
The GS2986 features adjustable output de-emphasis to compensate for PCB trace dielectric
losses.
The output de-emphasis has eight settings, evenly distributed from a minimum of 0dB (output
de-emphasis OFF) to a peak de-emphasis setting that is optimized for compensating the
high-frequency losses associated with approximately 20 inches of 5-mil stripline in FR4
material. These settings are accessible via the serial host interface.
The action of the de-emphasis settings is to attenuate the trailing edge of the output data
waveform relative to the output swings set through the host interface.
De-emphasis is turned OFF when in Bypass mode.
The default de-emphasis setting upon power-up is 0dB (OFF).
NOTE: Changing the de-emphasis setting will vary both V1 & V2 (see Figure 4-2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com