Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5216 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5216
Description  500mA-Peak Output LDO Regulator Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5216 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5216 Datasheet HTML 1Page - Micrel Semiconductor MIC5216 Datasheet HTML 2Page - Micrel Semiconductor MIC5216 Datasheet HTML 3Page - Micrel Semiconductor MIC5216 Datasheet HTML 4Page - Micrel Semiconductor MIC5216 Datasheet HTML 5Page - Micrel Semiconductor MIC5216 Datasheet HTML 6Page - Micrel Semiconductor MIC5216 Datasheet HTML 7Page - Micrel Semiconductor MIC5216 Datasheet HTML 8Page - Micrel Semiconductor MIC5216 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC5216
Micrel
MIC5216
4
January 2000
Block Diagrams
IN
EN
OUT
GND
VREF
Bandgap
Ref.
COUT
VOUT
VIN
MIC5216-x.xBM5/MM
60mV
FLG
Flag
Error
Comparator
Current Limit
Threshold Shutdown
MIC5216 Fixed Regulator with External Components
Note 1:
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when
operating the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction
temperature, T
J(max), the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power
dissipation at any ambient temperature is calculated using: P
D(max) = (TJ(max) – TA) ÷ θJA. Exceeding the maximum allowable power dissipa-
tion will result in excessive die temperature, and the regulator will go into thermal shutdown. See Table 1 and the “Thermal Considerations”
section for details.
Note 2:
Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 3:
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load
range from 100mA to 500mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
Note 4:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential.
Note 5:
Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the supply is the sum of
the load current plus the ground pin current.
Note 6:
V
EN is the voltage externally applied to devices with the EN (enable) input pin.
Note 7:
Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a 500mA load pulse at V
IN = 12V for t = 10ms.
Note 8:
The error flag comparator includes 3% hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com