Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5800 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5800
Description  4/8-Bit Parallel-Input Latched Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5800 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5800 Datasheet HTML 1Page - Micrel Semiconductor MIC5800 Datasheet HTML 2Page - Micrel Semiconductor MIC5800 Datasheet HTML 3Page - Micrel Semiconductor MIC5800 Datasheet HTML 4Page - Micrel Semiconductor MIC5800 Datasheet HTML 5Page - Micrel Semiconductor MIC5800 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Micrel
MIC5800/5801
7-12
October 1998
8 COM
GND
7
114
213
312
411
510
69
CLEAR
OE
STROBE
VDD
IN1
OUT1
IN2
OUT2
IN3
OUT3
IN4
OUT4
MIC5800BN, BM
Absolute Maximum Ratings: (Notes 1–6)
at +25
°C Free-Air Temperature
Output Voltage, VCE
50V
Supply Voltage, VDD
15V
Input Voltage Range, VIN
–0.3V to VDD + 0.3V
Continuous Collector Current, IC
500mA
Package Power Dissipation:
MIC5800 Plastic DIP (Note 1)
2.1W
MIC5801 Plastic DIP (Note 2)
2.5W
MIC5800 SOIC (Note 3)
1.0W
MIC5801 PLCC (Note 4)
2.25W
MIC5801 CERDIP (Note 5)
3.1W
Operating Temperature Range, TA
–40
°C to +85°C
Storage Temperature Range, TS
–65
°C to +125°C
Note 1: Derate at 16.7 mW/
°C above TA = +25°C
Note 2: Derate at 20 mW/
°C above TA = +25°C
Note 3: Derate at 8.5 mW/
°C above TA = +25°C
Note 4: Derate at 18.2 mW/
°C above TA = +25°C
Note 5: Derate at 25 mW/
°C above TA = +25°C
Note 6: Micrel CMOS devices have input-static protection but are
susceptible to damage when exposed to extremely high static
electrical charges.
Pin Configuration
Typical Input
IN
DD
V
122
221
320
419
518
617
716
15
14
13
12
CLEAR
OE
STROBE
VDD
IN1
OUT1
IN2
OUT2
IN3
OUT3
IN4
OUT4
IN5
OUT5
OUT6
OUT7
OUT8
COM
IN6
IN7
IN8
GND
8
9
10
11
MIC5801BN, AJBQ
MIC5801BWM
124
223
322
421
520
619
718
817
916
10
15
11
14
12
13
OE
VDD
CLEAR
NC
STROBE
OUT1
IN1
OUT2
IN2
OUT3
IN3
OUT4
IN4
OUT5
IN5
OUT6
IN6
OUT7
IN7
OUT8
IN8
NC
GND
COM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com