Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5891 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5891
Description  8-Bit Serial-Input Latched Source Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5891 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5891 Datasheet HTML 1Page - Micrel Semiconductor MIC5891 Datasheet HTML 2Page - Micrel Semiconductor MIC5891 Datasheet HTML 3Page - Micrel Semiconductor MIC5891 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
December 1997
7-57
MIC5891
Micrel
7
Applications Information
Serial data present at the input is transferred into the shift
register on the rising edge of the CLOCK input pulse. Additional
CLOCK pulses shift data information towards the SERIAL
DATA OUTPUT. The serial data must appear at the input prior
to the rising edge of the CLOCK input waveform.
The 8 bits present in the shift register are transferred to the
respective latches when the STROBE is high (serial-to-
parallel conversion). The latches will continue to accept new
Truth Table
Serial
Shift Register Contents
Serial
Latch Contents
Output Content
Data
Clock
Data
Strobe
Output
Input
Input
I1
I2
I3
…IN-1
IN
Output
Input
I1
I2
I3
…IN-1
In
Enable
I1
I2
I3 …IN-1 In
HH
R1
R2
…RN-2 RN-1
RN-1
LL
R1
R2
…RN-2 RN-1
RN-1
XR1
R2
R3
…RN-1 RN
RN
XXX
…
X
X
X
L
R1
R2
R3
…RN-1 RN
P1
P2
P3
…PN-1 PN
PN
HP1
P2
P3
…PN-1 PN
LP1 P2 P3 …PN-1 PN
XXX
…
X
X
H
L
L
L …
L
L
L = Low Logic Level
H = High Logic Level
X = Irrelevant
P = Present State
R = Previous State
CLOCK
DATA IN
STROBE
OUTPUT
ENABLE
OUTN
B
D
F
E
C
G
A
H
I
Timing Conditions
data as long as the STROBE is held high. Most applications
where the latching feature is not used (STROBE tied high)
require the OUTPUT ENABLE input to be high during serial
data entry.
Outputs are active (controlled by the latch state) when the
OUTPUT ENABLE is low. All Outputs are low (disabled) when
the OUTPUT ENABLE is high. OUTPUT ENABLE does not
affect the data in the shift register or latch.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com