Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC58P01 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC58P01
Description  8-Bit Parallel-Input Protected Latched Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC58P01 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC58P01 Datasheet HTML 1Page - Micrel Semiconductor MIC58P01 Datasheet HTML 2Page - Micrel Semiconductor MIC58P01 Datasheet HTML 3Page - Micrel Semiconductor MIC58P01 Datasheet HTML 4Page - Micrel Semiconductor MIC58P01 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
October 1998
7-17
MIC58P01
Micrel
7
9
10
11
12
8
16
15
14
13
17
OUT5
OUT6
OUT7
OUT8
COMMON
GROUND
IN8
IN7
IN6
IN5
2
3
4
5
6
7
1
22
21
20
19
18
OUTPUT
ENABLE/RESET
VDD
OUT1
OUT2
OUT3
OUT4
IN4
IN3
IN2
IN1
STROBE
CLEAR
UVLO
ILIMIT AND
THERMAL
SHUTDOWN
Pin Configuration
(DIP)
General Description
The MIC58P01 parallel-input latched driver is a high-voltage
(80V), high-current (500mA) integrated circuit comprised of
eight CMOS data latches, a bipolar Darlington transistor
driver for each latch, and CMOS control circuitry for the
common CLEAR, STROBE, and OUTPUT ENABLE functions.
Similar to the MIC5801, additional protection circuitry supplied
on this device includes thermal shutdown, under voltage
lockout (UVLO), and overcurrent shutdown.
The bipolar/CMOS combination provides an extremely low-
power latch with maximum interface flexibility. The MIC58P01
has open-collector outputs capable of sinking 500 mA and
integral diodes for inductive load transient suppression with a
minimum output breakdown voltage rating of 80V (50V
sustaining). The drivers may be paralleled for higher load
current capability.
With a 5V logic supply, the MIC58P01 will typically operate at
better than 5MHz. With a 12V logic supply, significantly higher
speeds are obtained. The CMOS inputs are compatible with
standard CMOS, PMOS, and NMOS circuits. TTL circuits
may require pull-up resistors.
Each of these eight outputs has an independent overcurrent
shutdown of 500mA. Upon current shutdown, the affected
channel will turn OFF until V
DD is cycled or the ENABLE/
RESET pin is pulsed high. Current pulses less than 2
µs will
not activate current shutdown. Temperatures above 165
°C
will shut down all outputs. The UVLO circuit disables the
outputs at low V
DD; hysteresis of 0.5V is provided.
Functional Diagram
Ordering Information
Part Number
Temperature Range
Package
MIC58P01BN
–40
°C to +85°C
22-Pin Plastic DIP
MIC58P01BV
–40
°C to +85°C
28-Pin PLCC
MIC58P01BWM
–40
°C to +85°C
24-Pin Wide SOIC
IN
Circuitry below dashed line is
included in each of the 8 channels.
STROBE
VDD
2.2R
1.25V
R
+
–
UVLO
CLEAR
ENABLE/RESET
ISHUTDOWN
COMMON
S
R
Q
R1
70k
R2
3k
VEE
OUTPUT
THERMAL
SHUTDOWN
IREF
IOUT / N
Features
• 4.4MHz Minimum Data Input Rate
• High-Voltage, High-Current Outputs
• Per-Output Overcurrent Shutdown (500mA typical)
• Under Voltage Lockout
• Thermal Shutdown
• Output Transient Protection Diodes
• CMOS, PMOS, NMOS, and TTL Compatible Inputs
• Internal Pull-Down Resistors
• Low-Power CMOS Latches
MIC58P01
8-Bit Parallel-Input Protected Latched Driver


Similar Part No. - MIC58P01

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P01 MICREL-MIC58P01 Datasheet
83Kb / 8P
8-Bit Parallel-Input Protected Latched Driver
MIC58P01BN MICREL-MIC58P01BN Datasheet
83Kb / 8P
8-Bit Parallel-Input Protected Latched Driver
MIC58P01BV MICREL-MIC58P01BV Datasheet
83Kb / 8P
8-Bit Parallel-Input Protected Latched Driver
MIC58P01BWM MICREL-MIC58P01BWM Datasheet
83Kb / 8P
8-Bit Parallel-Input Protected Latched Driver
MIC58P01YV MICREL-MIC58P01YV Datasheet
783Kb / 11P
8-Bit Parallel-Input Protected Latched Driver
More results

Similar Description - MIC58P01

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50 Datasheet
95Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
8-Bit Serial-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_11 Datasheet
83Kb / 8P
8-Bit Parallel-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_11 Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P50YWM MICREL-MIC59P50YWM Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_15 Datasheet
688Kb / 12P
8-Bit Parallel-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_15 Datasheet
783Kb / 11P
8-Bit Parallel-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com