Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7341MFE/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM7341MFE/NOPB
Description  Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7341MFE/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM7341MFE/NOPB Datasheet HTML 12Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 13Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 14Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 15Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 16Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 17Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 18Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 19Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
LM7341
SNOSAW9B – MAY 2008 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
GENERAL INFORMATION
Low supply current and wide bandwidth, greater than rail-to-rail input range, full rail-to-rail output, good capacitive
load driving ability, wide supply voltage and low distortion all make the LM7341 ideal for many diverse
applications.
The high common-mode rejection ratio and full rail-to-rail input range provides precision performance when
operated in non-inverting applications where the common-mode error is added directly to the other system
errors.
CAPACITIVE LOAD DRIVING
The LM7341 has the ability to drive large capacitive loads. For example, 1000 pF only reduces the phase margin
to about 30 degrees.
POWER DISSIPATION
Although the LM7341 has internal output current limiting, shorting the output to ground when operating on a
+30V power supply will cause the op amp to dissipate about 350 mW. This is a worst-case example. In the 5-pin
SOT-23 package, the higher thermal resistance will cause a calculated rise of 113°C. This can raise the junction
temperature to above the absolute maximum temperature of 150°C.
Operating from split supplies greatly reduces the power dissipated when the output is shorted. Operating on
±15V supplies can only cause a temperature rise of 57°C in the 5-pin SOT-23 package, assuming the short is to
ground.
WIDE SUPPLY RANGE
The high power-supply rejection ratio (PSRR) and common mode rejection ratio (CMRR) provide precision
performance when operated on battery or other unregulated supplies. This advantage is further enhanced by the
very wide supply range (2.5V–32V) offered by the LM7341. In situations where highly variable or unregulated
supplies are present, the excellent PSRR and wide supply range of the LM7341 benefit the system designer with
continued precision performance, even in such adverse supply conditions.
SPECIFIC ADVANTAGES OF 5-Pin SOT-23 (TinyPak)
The obvious advantage of the 5-pin SOT-23, TinyPak, is that it can save board space, a critical aspect of any
portable or miniaturized system design. The need to decrease overall system size is inherent in any handheld,
portable, or lightweight system application.
Furthermore, the low profile can help in height limited designs, such as consumer hand-held remote controls,
sub-notebook computers, and PCMCIA cards.
An additional advantage of the tiny package is that it allows better system performance due to ease of package
placement. Because the tiny package is so small, it can fit on the board right where the op amp needs to be
placed for optimal performance, unconstrained by the usual space limitations. This optimal placement of the tiny
package allows for many system enhancements, not easily achieved with the constraints of a larger package.
For example, problems such as system noise due to undesired pickup of digital signals can be easily reduced or
mitigated. This pick-up problem is often caused by long wires in the board layout going to or from an op amp. By
placing the tiny package closer to the signal source and allowing the LM7341 output to drive the long wire, the
signal becomes less sensitive to such pick-up. An overall reduction of system noise results.
Often times system designers try to save space by using dual or quad op amps in their board layouts. This
causes a complicated board layout due to the requirement of routing several signals to and from the same place
on the board. Using the tiny op amp eliminates this problem.
Additional space savings parts are available in tiny packages from Texas Instruments, including low power
amplifiers, precision voltage references, and voltage regulators.
16
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com