Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC6251 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC6251
Description  IttyBitty??GainBlock??Amplifiers Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6251 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC6251 Datasheet HTML 1Page - Micrel Semiconductor MIC6251 Datasheet HTML 2Page - Micrel Semiconductor MIC6251 Datasheet HTML 3Page - Micrel Semiconductor MIC6251 Datasheet HTML 4Page - Micrel Semiconductor MIC6251 Datasheet HTML 5Page - Micrel Semiconductor MIC6251 Datasheet HTML 6Page - Micrel Semiconductor MIC6251 Datasheet HTML 7Page - Micrel Semiconductor MIC6251 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIC6251/6252
Micrel
MIC6251/6252
4
July 1998
+10V
MIC6251 Large-Signal Transient Response
–10V
GND
VS = ±15V
RL = 2k
CL = 10pF
G = +2
2
µs/DIV
+10V
MIC6251 Large-Signal Transient Response
–10V
GND
VS = ±15V
RL = 2k
CL = 10pF
G = +1
2
µs/DIV
+10V
MIC6251 Large-Signal Transient Response
–10V
GND
VS = ±15V
RL = 2k
CL = 10pF
G = –1
2
µs/DIV
+5V
MIC6252 Large-Signal Transient Response
–5V
GND
VS = ±15V
RL = 2k
CL = 10pF
G = 0.5
2
µs/DIV
+100mV
MIC6251 Small-Signal Transient Response
–100mV
GND
VS = ±15V
RL = 2k
CL = 100pF
G = +2
500ns/DIV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com