Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC59P60BWM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC59P60BWM
Description  8-Bit Serial-Input Protected Latched Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC59P60BWM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC59P60BWM Datasheet HTML 1Page - Micrel Semiconductor MIC59P60BWM Datasheet HTML 2Page - Micrel Semiconductor MIC59P60BWM Datasheet HTML 3Page - Micrel Semiconductor MIC59P60BWM Datasheet HTML 4Page - Micrel Semiconductor MIC59P60BWM Datasheet HTML 5Page - Micrel Semiconductor MIC59P60BWM Datasheet HTML 6Page - Micrel Semiconductor MIC59P60BWM Datasheet HTML 7Page - Micrel Semiconductor MIC59P60BWM Datasheet HTML 8Page - Micrel Semiconductor MIC59P60BWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
January 2000
3
MIC59P60
MIC59P60
Micrel
Electrical Characteristics
V
DD = 5V, VSS = VEE = 0V; TA = +25°C; unless noted.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Output Leakage Current
I
CEX
V
OUT = 80V
50
µA
V
OUT = 80V, TA = +70°C100
Collector-Emitter
V
CE(SAT)
I
OUT = 100mA
0.9
1.1
V
Saturation Voltage
I
OUT = 200mA
1.1
1.3
I
OUT = 350mA
1.3
1.6
Collector-Emitter
V
CE(SUS)
I
OUT = 350mA, L = 2mH
50
V
Sustaining Voltage
Input Voltage
V
IN(0)
1.0
V
V
IN(1)
V
DD = 12V
10.5
V
V
DD = 10V
8.5
V
DD = 5.0V, Note 4
3.5
Input Resistance
R
IN
V
DD = 12V
50
200
k
Ω
V
DD = 10V
50
300
V
DD = 5.0V
50
600
Flag Output Current
I
OL
V
OL = 0.4V
15
mA
Flag Output Leakage
I
OH
V
OH = 12.0V
50
nA
Supply Current
I
DD(ON)
All Drivers ON, V
DD = 12V
6.4
10.0
mA
All Drivers ON, V
DD = 10V
6.0
9.0
All Drivers ON, V
DD = 5.0V
4.6
7.5
I
DD (1 OUTPUT) One Driver ON, All others OFF, VDD = 12V
3.1
4.5
mA
One Driver ON, All others OFF, V
DD = 10V
2.9
4.5
One Driver ON, All others OFF, V
DD = 5V
2.3
3.6
I
DD(OFF)
All Drivers OFF, V
DD = 12V
2.6
4.2
mA
All Drivers OFF, V
DD = 10V
2.4
3.6
All Drivers OFF, V
DD = 5.0V
1.9
3.0
Clamp Diode
I
R
V
R = 80V
50
µA
Leakage Current
Clamp Diode
V
F
I
F = 350mA
1.7
2.0
V
Forward Voltage
Over Current
I
LIM
500
mA
Shutdown Threshold
Start Up Voltage
V
SU
Note 5
3.5
4.0
4.5
V
Minimum Supply (V
DD)VDD MIN
3.0
3.5
4.0
V
Thermal Shutdown
165
°C
Thermal Shutdown Hysteresis
10
°C
Note 4: Operation of these devices with standard TTL or DTL may require the use of appropriate pull-up resistors to insure a minimum logic "1".
Note 5: Undervoltage lockout is guaranteed to release device at no more than 4.5V, and disable the device at no less than 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com