Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7715MF/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7715MF/NOPB
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7715MF/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMP7715MF/NOPB Datasheet HTML 11Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 12Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 13Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 14Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 15Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 16Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 17Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 18Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
+
¨
©
§
-1
2CIN
P1,2 =
1
R1
1
R2
r
1
R1
1
R2
+
2
-
4 A0CIN
R2
-R2/R1
1 +
s
¨
©
§
+
s
2
A0
CIN R2
¨
©
§
VOUT
VIN
(s) =
A0 R1
R1 + R2
CIN
R1
R2
VOUT
+
-
+
-
VIN
+
-
VOUT
VIN
R2
R1
AV = -
= -
CF
0
1
2
3
4
0
5
10
15
20
25
VCM (V)
VS = 5V
LMP7715, LMP7716, LMP7716Q
www.ti.com
SNOSAV0E – MARCH 2006 – REVISED MARCH 2013
Figure 50. Input Common Mode Capacitance
This input capacitance will interact with other impedances, such as gain and feedback resistors which are seen
on the inputs of the amplifier, to form a pole. This pole will have little or no effect on the output of the amplifier at
low frequencies and under DC conditions, but will play a bigger role as the frequency increases. At higher
frequencies, the presence of this pole will decrease phase margin and also cause gain peaking. In order to
compensate for the input capacitance, care must be taken in choosing feedback resistors. In addition to being
selective in picking values for the feedback resistor, a capacitor can be added to the feedback path to increase
stability.
The DC gain of the circuit shown in Figure 51 is simply
−R2/R1.
Figure 51. Compensating for Input Capacitance
For the time being, ignore CF. The AC gain of the circuit in Figure 51 can be calculated as follows:
(1)
This equation is rearranged to find the location of the two poles:
(2)
As shown in Equation 2, as the values of R1 and R2 are increased, the magnitude of the poles are reduced,
which in turn decreases the bandwidth of the amplifier. Figure 52 shows the frequency response with different
value resistors for R1 and R2. Whenever possible, it is best to chose smaller feedback resistors.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMP7715 LMP7716 LMP7716Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com