Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC7201 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC7201
Description  GainBlock??Difference Amplifier Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7201 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC7201 Datasheet HTML 1Page - Micrel Semiconductor MIC7201 Datasheet HTML 2Page - Micrel Semiconductor MIC7201 Datasheet HTML 3Page - Micrel Semiconductor MIC7201 Datasheet HTML 4Page - Micrel Semiconductor MIC7201 Datasheet HTML 5Page - Micrel Semiconductor MIC7201 Datasheet HTML 6Page - Micrel Semiconductor MIC7201 Datasheet HTML 7Page - Micrel Semiconductor MIC7201 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
December 1998
1
MIC7201
MIC7201
Micrel
MIC7201
GainBlock™ Difference Amplifier
Preliminary Information
General Description
The MIC7201 difference amplifier is an analog gain block
designed to convert a differential signal to a signal-ended
signal. It features an extended common-mode range that
includes rail-to-rail input/output capabilities. The part is pack-
aged in the SOT-23-5 IttyBitty™ package.
The MIC7201 is designed using the MIC7101 operational
amplifier plus well-matched monolithic resistors to provide a
unity-gain stable differential input to signal-ended output
amplifier that requires a minimum of external components.
Performance is guaranteed from 2.2V through 10V.
Features
• Operates from 2.2V to 10V
•
±1% typical gain error
• 0.6mA typical supply current at 2.2V
• 400kHz bandwidth
• Small SOT-23-5 package
• Suitable for driving capacitive loads
Applications
• Cellular telephones
• Digital audio systems
• Mobile communications
• Portable computers and PDAs
Ordering Information
Part Number
Temperature Range
Package
MIC7201BM5
–40
°C to +85°C
SOT-23-5
Other voltages available. Contact Micrel for details.
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
GainBlock is a trademark of Micrel, Inc.
Block Diagram
IN+
OUT
50k
100k
V+
50k
50k
100k
IN–
V–
MIC7201
1
2
3
4
5
Difference Amplifier Behavior
The desired 100mV, 400Hz differential sinusoidal signal is shown applied to
inputs V
IN– and VIN+. A 500mV, 5kHz square-wave “noise” signal is super-
imposed on both V
IN– and VIN+.
These signals demonstrate the noise cancellation ability of the MIC7201.
The output (V
OUT) shows the recovered single-ended 200mV peak-to-peak,
400Hz sine wave.
V
IN–
V
IN+
V
OUT


Similar Part No. - MIC7201

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7211 MICREL-MIC7211 Datasheet
75Kb / 8P
IttyBitty??Rail-to-Rail Input Comparator Preliminary Information
MIC7211 MICREL-MIC7211 Datasheet
366Kb / 7P
IttyBitty Rail-to-Rail Input Comparator
MIC7211BM5 MICREL-MIC7211BM5 Datasheet
75Kb / 8P
IttyBitty??Rail-to-Rail Input Comparator Preliminary Information
MIC7211BM5 MICREL-MIC7211BM5 Datasheet
366Kb / 7P
IttyBitty Rail-to-Rail Input Comparator
MIC7211YM5 MICREL-MIC7211YM5 Datasheet
366Kb / 7P
IttyBitty Rail-to-Rail Input Comparator
More results

Similar Description - MIC7201

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6211 MICREL-MIC6211 Datasheet
137Kb / 8P
IttyBitty??Operational Amplifier Preliminary Information
MIC6251 MICREL-MIC6251 Datasheet
118Kb / 8P
IttyBitty??GainBlock??Amplifiers Preliminary Information
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
List of Unclassifed Man...
OV8610 ETC1-OV8610 Datasheet
161Kb / 28P
Advanced Information Preliminary
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
logo
IXYS Corporation
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com