Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV531MK/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LPV531MK/NOPB
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV531MK/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LPV531MK/NOPB Datasheet HTML 1Page - Texas Instruments LPV531MK/NOPB Datasheet HTML 2Page - Texas Instruments LPV531MK/NOPB Datasheet HTML 3Page - Texas Instruments LPV531MK/NOPB Datasheet HTML 4Page - Texas Instruments LPV531MK/NOPB Datasheet HTML 5Page - Texas Instruments LPV531MK/NOPB Datasheet HTML 6Page - Texas Instruments LPV531MK/NOPB Datasheet HTML 7Page - Texas Instruments LPV531MK/NOPB Datasheet HTML 8Page - Texas Instruments LPV531MK/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LPV531
SNOSAK5B – MARCH 2006 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Human Body Model
2000V
Machine Model
200V
VIN Differential
±2V
Supply Voltage (V+ - V−)
6V
Storage Temperature Range
−65°C to +150°C
Junction Temperature (4)
+150°C
Soldering Information
Infrared or Convection (20 sec)
235°C
Wave Soldering Lead Temp. (10 sec)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human Body Model is 1.5 k
Ω in series with 100 pF. Machine Model is 0Ω in series with 200 pF.
(4)
Typical values represent the most likely parametric norm.
Operating Ratings
(1)
Operating Temperature Range
−40°C to +85°C
Supply Voltage (V+ – V−)
2.7V to 5.5V
Package Thermal Resistance (
θJA )
(2)
6-Pin SOT
171°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LPV531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com