Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC79050 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC79050
Description  Simple Lithium-Ion Battery Charger Preliminary Information
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79050 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC79050 Datasheet HTML 1Page - Micrel Semiconductor MIC79050 Datasheet HTML 2Page - Micrel Semiconductor MIC79050 Datasheet HTML 3Page - Micrel Semiconductor MIC79050 Datasheet HTML 4Page - Micrel Semiconductor MIC79050 Datasheet HTML 5Page - Micrel Semiconductor MIC79050 Datasheet HTML 6Page - Micrel Semiconductor MIC79050 Datasheet HTML 7Page - Micrel Semiconductor MIC79050 Datasheet HTML 8Page - Micrel Semiconductor MIC79050 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
June 2000
3
MIC79050
MIC79050
Micrel
Electrical Characteristics
V
IN = VBAT + 1.0V; COUT = 4.7µF, IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
V
BAT
Battery Voltage Accuracy
variation from nominal V
OUT –5°C to +60°C
–0.75
+0.75
%
∆V
BAT/∆T
Battery Voltage
Note 4
40
ppm/
°C
Temperature Coefficient
∆V
BAT/VBAT
Line Regulation
V
IN = VBAT + 1V to 16V
0.009
0.05
%/V
0.1
%/V
∆V
BAT/VBAT
Load Regulation
I
OUT = 100µA to 500mA, Note 5
0.05
0.5
%
0.7
%
V
IN – VBAT
Dropout Voltage, Note 6
I
OUT = 500mA
380
500
mV
600
mV
I
GND
Ground Pin Current, Notes 7, 8
V
EN ≥ 3.0V, IOUT = 100µA
85
130
µA
170
µA
V
EN ≥ 3.0V, IOUT = 500mA
11
20
mA
25
mA
I
GND
Ground Pin Quiescent Current,
V
EN ≤ 0.4V (shutdown)
0.05
3
µA
Note 8
V
EN ≤ 0.18V (shutdown)
0.10
8
µA
PSRR
Ripple Rejection
f = 120Hz
75
dB
I
LIMIT
Current Limit
V
BAT = 0V
750
900
mA
1000
mA
∆V
BAT/∆PD
Thermal Regulation
Note 9
0.05
%/W
ENABLE Input
V
ENL
Enable Input Logic-Low Voltage
V
EN = logic low (shutdown)
0.4
V
0.18
V
V
EN = logic high (enabled)
2.0
V
I
ENL
Enable Input Current
V
ENL ≤ 0.4V (shutdown)
0.01
–1
µA
V
ENL ≤ 0.18V (shutdown)
0.01
–2
µA
I
ENH
V
ENH ≥ 2.0V (enabled)
5
20
µA
25
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
The maximum allowable power dissipation at any T
A (ambient temperature) is calculated using: PD(max) = (TJ(max) – TA) ÷ θJA. Exceeding the
maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
Note 4.
Battery voltage temperature coefficient is the worst case voltage change divided by the total temperature range.
Note 5.
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load
range from 100
µA to 500mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
Note 6.
Dropout voltage is defined as the input to battery output differential at which the battery voltage drops 2% below its nominal value measured at
1V differential.
Note 7:
Ground pin current is the charger quiescent current plus pass transistor base current. The total current drawn from the supply is the sum of the
load current plus the ground pin current.
Absolute Maximum Ratings (Note 1)
Supply Input Voltage (V
IN) ............................ –20V to +20V
Power Dissipation (P
D) ............... Internally Limited, Note 3
Junction Temperature (T
J) ....................... –40°C to +125°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings (Note 2)
Supply Input Voltage (V
IN) ........................... +2.5V to +16V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Junction Temperature (T
J) ....................... –40°C to +125°C
Package Thermal Resistance (Note 3) ...............................
MSOP-8 (
θ
JA) ...................................................... 80°C/W
SOP-8(
θ
JA) .......................................................... 63°C/W
SOT-223(
θ
JC) ...................................................... 15°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com