Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC911 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC911
Description  105MHz Low-Power SOT-23-5 Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC911 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC911 Datasheet HTML 1Page - Micrel Semiconductor MIC911 Datasheet HTML 2Page - Micrel Semiconductor MIC911 Datasheet HTML 3Page - Micrel Semiconductor MIC911 Datasheet HTML 4Page - Micrel Semiconductor MIC911 Datasheet HTML 5Page - Micrel Semiconductor MIC911 Datasheet HTML 6Page - Micrel Semiconductor MIC911 Datasheet HTML 7Page - Micrel Semiconductor MIC911 Datasheet HTML 8Page - Micrel Semiconductor MIC911 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
June 2000
3
MIC911
MIC911
Micrel
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
OS
Input Offset Current
2
µA
0.03
3
µA
V
CM
Input Common-Mode Range
CMRR > 60dB
–7.5
+7.5
V
CMRR
Common-Mode Rejection Ratio
–7V < V
CM < 7V
80
112
dB
A
VOL
Large-Signal Voltage Gain
R
L = 2kΩ, VOUT = ±6V
65
80
dB
V
OUT
Maximum Output Voltage Swing
positive, R
L = 2kΩ
+7.2
+7.4
V
+6.8
V
negative, R
L = 2kΩ
–7.4
–7.2
V
–6.8
V
GBW
Unity Gain-Bandwidth Product
R
L = 1kΩ
105
MHz
BW
–3dB Bandwidth
A
V = 2, RL = 470Ω
80
MHz
SR
Slew Rate
120
V/
µs
I
GND
Short-Circuit Output Current
source
80
mA
sink
22
mA
I
GND
Supply Current
1.35
1.9
mA
2.4
mA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Exceeding the maximum differential input voltage will damage the input stage and degrade performance (in particular, input bias current is
likely to change).
Note 4.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 5.
Output swing limited by the maximum output sink capability, refer to the short-circuit current vs. temperature graph in “Typical Characteristics.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com